Electronic Components Datasheet Search
  English  ▼

X  

UPC2905T Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPC2905T
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2905T Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPC2905T Datasheet HTML 15Page - Renesas Technology Corp UPC2905T Datasheet HTML 16Page - Renesas Technology Corp UPC2905T Datasheet HTML 17Page - Renesas Technology Corp UPC2905T Datasheet HTML 18Page - Renesas Technology Corp UPC2905T Datasheet HTML 19Page - Renesas Technology Corp UPC2905T Datasheet HTML 20Page - Renesas Technology Corp UPC2905T Datasheet HTML 21Page - Renesas Technology Corp UPC2905T Datasheet HTML 22Page - Renesas Technology Corp UPC2905T Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
µ PC29xx Series
18
Data Sheet G10026EJ4V0DS
µPC29xxHB Series
SC-64 (MP-3) (Unit: mm)
µPC29xxT Series
SC-63 (MP-3Z) (Unit: mm)
2.3
2.3
1.1
±0.1
5.0
±0.2
6.5
±0.2
2.3
±0.2
0.5
±0.1
0.5
+0.2
–0.1
0.5
+0.2
–0.1
123
4
1
23
4
6.5
±0.2
4.4
±0.2
5.0
±0.2
0.5
±0.1
0.5
±0.1
2.3
±0.3
2.3
±0.3
2.3
±0.2
0.5
±0.1
Note
Note
0.15
±0.15
<R>
Note The depth of notch at the top of the fin is from 0 to 0.2 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com