Electronic Components Datasheet Search
  English  ▼

X  

UPC358 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC358
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC358 Datasheet HTML 1Page - Renesas Technology Corp UPC358 Datasheet HTML 2Page - Renesas Technology Corp UPC358 Datasheet HTML 3Page - Renesas Technology Corp UPC358 Datasheet HTML 4Page - Renesas Technology Corp UPC358 Datasheet HTML 5Page - Renesas Technology Corp UPC358 Datasheet HTML 6Page - Renesas Technology Corp UPC358 Datasheet HTML 7Page - Renesas Technology Corp UPC358 Datasheet HTML 8Page - Renesas Technology Corp UPC358 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
µPC358
2
Data Sheet G11765EJ6V0DS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Ratings
Unit
Voltage between V+ and V–
Note 1
V+ – V–
–0.3 to +32
V
Differential Input Voltage
VID
±32
V
Input Voltage
Note 2
VI
V––0.3 to V–+32
V
Output Voltage
Note 3
VO
V––0.3 to V++0.3
V
Power Dissipation
C Package
Note 4
PT
350
mW
G2 Package
Note 5
440
mW
Output Short Circuit Duration
Note 6
Indefinite
s
Operating Ambient Temperature
TA
–20 to +80
°C
Storage Temperature
Tstg
–55 to +125
°C
Notes 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction independent of the magnitude
of V+. Either input signal should not be allowed to go negative by more than 0.3 V. The normal operation
will establish when the both inputs are within the Common Mode Input Voltage Range of electrical
characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external
without damage or destructive. Even during the transition period of supply voltage, power on/off etc., this
specification should be kept. The output voltage of normal operation will be the Output Voltage Swing of
electrical characteristics.
4. Thermal derating factor is –5.0 mW/
°C when operating ambient temperature is higher than 55 °C.
5. Thermal derating factor is –4.4 mW/
°C when operating ambient temperature is higher than 25 °C.
6. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4 and
Note 5.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage (Split)
V±
±1.5
±15
V
Supply Voltage (V– = GND)
V+
+3
+30
V
µPC358C, µPC358G2
ELECTRICAL CHARACTERISTICS (TA = 25
°C, V+ = +5 V, V– = GND)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS = 0
Ω±2
±7mV
Input Offset Current
IIO
±5
±50
nA
Input Bias Current
Note 7
IB
45
250
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ
25
100
V/mA
Supply Current
Note 8
ICC
RL =
∞, IO = 0 A
0.7
1.2
mA
Common Mode Rejection Ratio
CMR
65
70
dB
Supply Voltage Rejection Ratio
SVR
65
100
dB
Output Voltage Swing
VO
RL = 2 k
Ω (Connect to GND)
0
V+ –1.5
V
Common Mode Input Voltage Range
VICM
0V+ –1.5
V
Output Current (SOURCE)
IO SOURCE
VIN+ = +1 V, VIN– = 0 V
20
40
mA
Output Current (SINK)
IO SINK
VIN– = +1 V, VIN+ = 0 V
10
20
mA
VIN– = +1 V, VIN+ = 0 V,
12
50
µA
VO = 200 mV
Channel Separation
f = 1 kHz to 20 kHz
120
dB
Notes 7. Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input
stage.
8. This current flows irrespective of the existence of use.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com