Electronic Components Datasheet Search
  English  ▼

X  

UPC358 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC358
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC358 Datasheet HTML 5Page - Renesas Technology Corp UPC358 Datasheet HTML 6Page - Renesas Technology Corp UPC358 Datasheet HTML 7Page - Renesas Technology Corp UPC358 Datasheet HTML 8Page - Renesas Technology Corp UPC358 Datasheet HTML 9Page - Renesas Technology Corp UPC358 Datasheet HTML 10Page - Renesas Technology Corp UPC358 Datasheet HTML 11Page - Renesas Technology Corp UPC358 Datasheet HTML 12Page - Renesas Technology Corp UPC358 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
µPC358
7
Data Sheet G11765EJ6V0DS
PACKAGE DRAWINGS
14
85
ITEM
MILLIMETERS
NOTES
1. Each lead centerline is located within 0.25 mm of
its true position (T.P.) at maximum material condition.
P8C-100-300B,C-2
N
0.25
P
0.9 MIN.
R0
∼15°
A
10.16 MAX.
B
1.27 MAX.
F
1.4 MIN.
G
3.2
±0.3
J
5.08 MAX.
K
7.62 (T.P.)
C
2.54 (T.P.)
D
0.50
±0.10
H
0.51 MIN.
I
4.31 MAX.
L
6.4
M
0.25+0.10
−0.05
2. ltem "K" to center of leads when formed parallel.
M
A
R
M
P
I
J
H
G
F
DN
C
B
8-PIN PLASTIC DIP (7.62mm(300))
L
K
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com