Electronic Components Datasheet Search
  English  ▼

X  

UPC393C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC393C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC393C Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC393C Datasheet HTML 1Page - Renesas Technology Corp UPC393C Datasheet HTML 2Page - Renesas Technology Corp UPC393C Datasheet HTML 3Page - Renesas Technology Corp UPC393C Datasheet HTML 4Page - Renesas Technology Corp UPC393C Datasheet HTML 5Page - Renesas Technology Corp UPC393C Datasheet HTML 6Page - Renesas Technology Corp UPC393C Datasheet HTML 7Page - Renesas Technology Corp UPC393C Datasheet HTML 8Page - Renesas Technology Corp UPC393C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET
1989
The mark <R> shows major revised points.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC393
LOW POWER DUAL COMPARATORS
DESCRIPTION
The
µPC393 is a dual comparator which is designed
to operate from a single power supply over a wide range
of voltage. Operation from split power supplies is also
possible and the power supply current drain is very low.
Further advantage, the input common-mode voltage in-
cludes ground, even though operated from a single power
supply voltage.
Document No. G11766EJ5V0DS00 (5th edition)
Date Published December 2007 N
Printed in Japan
FEATURES
•
Common-mode input voltage range includes V–
•
Wide supply voltage range
2 V to 32 V (Single)
±1 V to ±16 V (Split)
•
Low supply current
•
Open collector output
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
ORDERING INFORAMTION
Part Number
Package
µPC393C
8-pin plastic DIP (7.62 mm (300))
µPC393G2
8-pin plastic SOP (5.72 mm (225))
µPC393G2(5)
8-pin plastic SOP (5.72 mm (225))
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
100 A
100 A
µ
µ
V+
V–
OUT
Q8
Q7
Q6
Q5
Q2
Q1
Q3
Q4
IN
II
+
–
OUT1
I1
I
N1
I
–
V
1
2
3
4
8
7
6
5
V
OUT2
I
I
+
I2
N2
PC393C, 393G2
1
+
2
––
µ
+
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com