Electronic Components Datasheet Search
  English  ▼

X  

UPC393C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC393C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC393C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC393C Datasheet HTML 3Page - Renesas Technology Corp UPC393C Datasheet HTML 4Page - Renesas Technology Corp UPC393C Datasheet HTML 5Page - Renesas Technology Corp UPC393C Datasheet HTML 6Page - Renesas Technology Corp UPC393C Datasheet HTML 7Page - Renesas Technology Corp UPC393C Datasheet HTML 8Page - Renesas Technology Corp UPC393C Datasheet HTML 9Page - Renesas Technology Corp UPC393C Datasheet HTML 10Page - Renesas Technology Corp UPC393C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
µPC393
5
Data Sheet G11766EJ5V0DS00
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25
°C, TYP.)
3
2
1
0
–1
–2
0
INPUT OFFSET VOLTAGE
40
20
–40
–20
–3
60
80
V+ = +5 V
V– = GND
TA - Operating Ambient Temperature -
°C
50
40
30
20
10
010
20
3040
TA = 0
°C
TA = 25
°C
TA = 70
°C
V+ - Supply Voltage - V (V– = GND)
INPUT BIAS CURRENT
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
TA = 70
°C
TA = 25
°C
TA = 0
°C
OUTPUT SATURATION VOLTAGE
IO SINK - Output Sink Current - mA
500
0
TA - Operating Ambient Temperature -
°C
POWER DISSIPATION
400
300
200
100
20
40
60
80
100
393G2
393C
1.0
0
SUPPLY CURRENT
0.8
0.6
0.4
10
40
TA = 0
°C
TA = 25
°C
TA = 70
°C
RL =
∞
20
30
IO = 0A
V+ - Supply Voltage - V (V– = GND)
each 5 samples data
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com