Electronic Components Datasheet Search
  English  ▼

X  

UPC393C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC393C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC393C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC393C Datasheet HTML 4Page - Renesas Technology Corp UPC393C Datasheet HTML 5Page - Renesas Technology Corp UPC393C Datasheet HTML 6Page - Renesas Technology Corp UPC393C Datasheet HTML 7Page - Renesas Technology Corp UPC393C Datasheet HTML 8Page - Renesas Technology Corp UPC393C Datasheet HTML 9Page - Renesas Technology Corp UPC393C Datasheet HTML 10Page - Renesas Technology Corp UPC393C Datasheet HTML 11Page - Renesas Technology Corp UPC393C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
µPC393
6
Data Sheet G11766EJ5V0DS00
5
4
3
2
1
0
100
50
0
–50
–100
0
0.5
1.0
1.5
2.0
t - Time -
s
µ
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES I
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES II
t - Time -
s
µ
+5 V
5.1 k
Ω
VO
VIN
5.0 mV Input Overdrive
20 mV
100 mV
5
4
3
2
1
0
100
50
0
–50
–100
0
0.5
1.0
1.5
2.0
5 mV
20 mV
+
–
+5 V
VO
VIN
+
–
100 mV Input Overdrive
20 mV
20 mV
100 mV
5 mV
100 mV Input Overdrive
5 mV Input Overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com