Electronic Components Datasheet Search
  English  ▼

X  

UPC451 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC451
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC451 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC451 Datasheet HTML 2Page - Renesas Technology Corp UPC451 Datasheet HTML 3Page - Renesas Technology Corp UPC451 Datasheet HTML 4Page - Renesas Technology Corp UPC451 Datasheet HTML 5Page - Renesas Technology Corp UPC451 Datasheet HTML 6Page - Renesas Technology Corp UPC451 Datasheet HTML 7Page - Renesas Technology Corp UPC451 Datasheet HTML 8Page - Renesas Technology Corp UPC451 Datasheet HTML 9Page - Renesas Technology Corp UPC451 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
μPC451, μPC324
R03DS0142EJ0100 Rev.1.00
Page 6 of 10
2019.1.17
V + = +5 V
V - = GND
V + = +30 V, V - = GND
20
30
40
50
60
70
-50
0
50
100
150
Operating Ambient Temperature, TA [C]
IO SHORT vs. TA
-
+
IO SHORT
RL = 2 kΩ
RL = 20 kΩ
0
40
80
120
160
0
10203040
Power Supply Voltage, V + [V] (V - = GND)
AV vs. V +
VIN = ⊿ 1 Vp-p
V ± = ±15 V
V ± = ±15 V
V ± = ±2.5 V
V ± = ±2.5 V
0
20
40
60
80
100
120
140
0.1
1
10
100
1k
10k
100k
1M
10M
Frequency, f [Hz]
AV, φ vs. f
φ
AV
VO
1 μF
VIN
100 kΩ
V +
0 V
-
+
V -
1 kΩ
RL = 2 kΩ
0
5
10
15
1k
10k
100k
1M
Frequency, f [Hz]
VO vs. f
V + = +15 V
V - = GND
RL = 2 kΩ
6.8 V
RL
V +
-
+
1 kΩ
100 kΩ
1 μF
VIN
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
Frequency, f [Hz]
CMR vs. f
V ± = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com