Electronic Components Datasheet Search
  English  ▼

X  

UPC451 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC451
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC451 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC451 Datasheet HTML 3Page - Renesas Technology Corp UPC451 Datasheet HTML 4Page - Renesas Technology Corp UPC451 Datasheet HTML 5Page - Renesas Technology Corp UPC451 Datasheet HTML 6Page - Renesas Technology Corp UPC451 Datasheet HTML 7Page - Renesas Technology Corp UPC451 Datasheet HTML 8Page - Renesas Technology Corp UPC451 Datasheet HTML 9Page - Renesas Technology Corp UPC451 Datasheet HTML 10Page - Renesas Technology Corp UPC451 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
μPC451, μPC324
R03DS0142EJ0100 Rev.1.00
Page 7 of 10
2019.1.17
SR +
SR -
0
0.1
0.2
0.3
0.4
-50
0
50
100
150
Operating Ambient Temperature, TA [C]
SR vs. TA
V ± = ±15 V
VO = ±10 V
RL = 2 kΩ
TA = -40 C
TA = 25 C
TA = 125 C
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Sink Current, IOSINK [mA]
VO vs. IOSINK
V + = +15 V
V +
IO SINK
VO
V + /2
-
+
TA = -40 C
TA = 25 C
TA = 125 C
0
1
2
3
4
5
0.01
0.1
1
10
100
Output Source Current, IO SOURCE [mA]
⊿
VO vs. IO SOURCE
IO SOURCE
⊿
VO
+
-
V +
V + /2
V + = +15 V
0
1
2
3
0
20406080
Time, t [μs]
0
1
2
3
4
Pulse Response
V + = +15 V
V - = GND
RL = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com