Electronic Components Datasheet Search
  English  ▼

X  

UPC451 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC451
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC451 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC451 Datasheet HTML 3Page - Renesas Technology Corp UPC451 Datasheet HTML 4Page - Renesas Technology Corp UPC451 Datasheet HTML 5Page - Renesas Technology Corp UPC451 Datasheet HTML 6Page - Renesas Technology Corp UPC451 Datasheet HTML 7Page - Renesas Technology Corp UPC451 Datasheet HTML 8Page - Renesas Technology Corp UPC451 Datasheet HTML 9Page - Renesas Technology Corp UPC451 Datasheet HTML 10Page - Renesas Technology Corp UPC451 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
μPC451, μPC324
R03DS0142EJ0100 Rev.1.00
Page 9 of 10
2019.1.17
PACKAGE DRAWINGS
14-PIN PLASTIC SOP
JEITA Package code
RENESAS code
Previous code
MASS (TYP.) [g]
P-SOP14-0225-1.27
PRSP0014DI-A
P14GR-50-225B
0.14
ITEM
A
B
C
D0.42
+0.08
-0.07
E
F1.59
+0.21
-0.2
G1.49
H
I
J
K0.17
+0.08
-0.07
L
M
N
P3°
+7°
-3°
0.10
MILLIMETERS
1.42 MAX
1.27 (T.P)
0.1 ±0.1
10.2 ±0.26
6.5 ±0.2
4.4 ±0.1
1.1 ±0.16
0.6 ±0.2
0.1
Unit : mm
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
detail of lead end



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com