Electronic Components Datasheet Search
  English  ▼

X  

US73 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # US73
Description  Single Coil Fan Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

US73 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  US73 Datasheet HTML 1Page - List of Unclassifed Manufacturers US73 Datasheet HTML 2Page - List of Unclassifed Manufacturers US73 Datasheet HTML 3Page - List of Unclassifed Manufacturers US73 Datasheet HTML 4Page - List of Unclassifed Manufacturers US73 Datasheet HTML 5Page - List of Unclassifed Manufacturers US73 Datasheet HTML 6Page - List of Unclassifed Manufacturers US73 Datasheet HTML 7Page - List of Unclassifed Manufacturers US73 Datasheet HTML 8Page - List of Unclassifed Manufacturers US73 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
US72/73
Single Coil Fan Driver
3901090261
Page 6 of 9
Data Sheet
Rev. 002
May/04
8. Applications Information
The optional diode
protects against
reverse voltage
0.1uF minimum
bypass capacitor
FG / RD
open drain
5V - 24V
1
1
2
4
3
7
8
6
5
0
0
2.438
center of package
0.270
0.130
Hall
plate
Die
1.950
center of
package
Measurements in mm.
Tolerance +/- 0.15 mm.
Hall Sensor Location
9. Application Comments
It is advisable to use a Vdd – ground bypass capacitor of at least 0.1uF, located close to the device.
Ceramic / monolithic types are preferrable. This capacitor is necessary to maintain a stable power supply
during the switching transients – especially if there is a series diode in the circuit.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com