Electronic Components Datasheet Search
  English  ▼

X  

US73 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # US73
Description  Single Coil Fan Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

US73 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  US73 Datasheet HTML 1Page - List of Unclassifed Manufacturers US73 Datasheet HTML 2Page - List of Unclassifed Manufacturers US73 Datasheet HTML 3Page - List of Unclassifed Manufacturers US73 Datasheet HTML 4Page - List of Unclassifed Manufacturers US73 Datasheet HTML 5Page - List of Unclassifed Manufacturers US73 Datasheet HTML 6Page - List of Unclassifed Manufacturers US73 Datasheet HTML 7Page - List of Unclassifed Manufacturers US73 Datasheet HTML 8Page - List of Unclassifed Manufacturers US73 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
US72/73
Single Coil Fan Driver
3901090261
Page 8 of 9
Data Sheet
Rev. 002
May/04
12.
DC Package Information (SOIC-8)
Notes:
1. Measurements in millimeters.
2. Body dimensions do not include mold flash, protrusions, or burrs - not to exceed 0.15mm .
3. Lead frame material: copper 194.
4. Tolerances: +/- 0.25 mm unless otherwise indicated.
4.80
4.95
0.33
0.51
1.27
3.81
3.99
0.38
1.27
0o to 8o
5.79
6.20
1.47
1.73
0.010 min.
1
2
4
3
7
8
6
5
.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com