Electronic Components Datasheet Search
  English  ▼

X  

US73 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # US73
Description  Single Coil Fan Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

US73 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  US73 Datasheet HTML 1Page - List of Unclassifed Manufacturers US73 Datasheet HTML 2Page - List of Unclassifed Manufacturers US73 Datasheet HTML 3Page - List of Unclassifed Manufacturers US73 Datasheet HTML 4Page - List of Unclassifed Manufacturers US73 Datasheet HTML 5Page - List of Unclassifed Manufacturers US73 Datasheet HTML 6Page - List of Unclassifed Manufacturers US73 Datasheet HTML 7Page - List of Unclassifed Manufacturers US73 Datasheet HTML 8Page - List of Unclassifed Manufacturers US73 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
US72/73
Single Coil Fan Driver
3901090261
Page 1 of 9
Data Sheet
Rev. 002
May/04
Features and Benefits
Full Bridge Driver
High Sensitivity Hall Sensor
Locked Rotor Shutdown and Auto-Restart
Power-Efficient CMOS and Power MOSFETs
Integrated tachometer (US72) or alarm (US73) signal outputs
Applications
For 12V/24V Fans
Ordering Information
Part No.
Temperature Suffix
Package Code
US72
E (-40°C to 85°C)
DC (8-Pin narrow SOIC)
US73
E (-40°C to 85°C)
DC (8-Pin narrow SOIC)
Functional Diagram
Locked-Rotor
Protection
N1
P2
N2
Hall
Amp.
Gate Drive
P1
Gate Drive
6
3
Regulator
4
Switching
Logic
Clamp
1
Out1
Out2
8
5
2
7
FG/RD
Vdd
Gnd
Description
The US72 and US73 provide a monolithic
solution for driving single-coil fans. The bridge
drivers provide bi-directional current through the
single phase motor winding.
US72: The tachometer/Frequency Generator
(FG) version produces a logic signal, which is
aligned with the Hall plate signal.
US73: The Rotation Detector (RD) / Alarm
Signal version has a low output in the normal
condition. When a locked rotor condition occurs
the RD changes to a high state.


Similar Part No. - US73

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US73EDC MELEXIS-US73EDC Datasheet
123Kb / 9P
Single Coil Fan Driver
More results

Similar Description - US73

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1301 ANACHIP-AP1301 Datasheet
164Kb / 5P
Single Coil Fan Motor Full Wave Driver
Rev. 0.2 Apr. 16, 2004
logo
Melexis Microelectronic...
US72 MELEXIS-US72 Datasheet
123Kb / 9P
Single Coil Fan Driver
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
Two-coil Fan Driver
MLX90297-S MELEXIS-MLX90297-S Datasheet
289Kb / 1P
SINGLE-COIL FAN DRIVER
logo
Prolific Technology Inc...
PT3911 PROLIFIC-PT3911 Datasheet
335Kb / 1P
Double Coil Fan Driver
PT3921 PROLIFIC-PT3921 Datasheet
328Kb / 1P
Single Coil Fan Driver
PT3931 PROLIFIC-PT3931 Datasheet
325Kb / 1P
Single Coil Fan Driver
PT3935 PROLIFIC-PT3935 Datasheet
339Kb / 1P
Single Coil Fan Driver with RD Output
PT3936 PROLIFIC-PT3936 Datasheet
339Kb / 1P
Single Coil Fan Driver with FG Output
PT3956 PROLIFIC-PT3956 Datasheet
313Kb / 1P
Single Coil Fan Driver with FG Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com