Electronic Components Datasheet Search
  English  ▼

X  

SC801 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC801
Description  Fully Integrated High Currnet Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC801 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC801 Datasheet HTML 2Page - Semtech Corporation SC801 Datasheet HTML 3Page - Semtech Corporation SC801 Datasheet HTML 4Page - Semtech Corporation SC801 Datasheet HTML 5Page - Semtech Corporation SC801 Datasheet HTML 6Page - Semtech Corporation SC801 Datasheet HTML 7Page - Semtech Corporation SC801 Datasheet HTML 8Page - Semtech Corporation SC801 Datasheet HTML 9Page - Semtech Corporation SC801 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
 2002 Semtech Corp.
www.semtech.com
5+&
POWER MANAGEMENT
Monitor Mode
In the monitor mode the voltage of the battery will be
monitored against the programmed voltage. This will oc-
cur after a battery has been fully charged and the device
has shut off. If the voltage of the battery falls below the
recharge threshold (specified at 200mV) the charger will
activate and charge the battery to its programmed volt-
age. This means that it will enter the full charging se-
quence from fast-charge to terminating the charging cycle
when the programmed termination current is reached.
The maximum current drain of the battery during moni-
tor mode will be no more than 1uA over temperature.
LDO Mode
One of the nice features of the SC801 is its ability to
work with or without a battery. If the battery is not in
place the device can enter the LDO mode. In this mode
the SC801 will act like a low dropout regulator. The out-
put voltage is set to 4.1V, 4.2V or externally set by a
resistor divider. See the section titled “Configuring the
Output Voltage to the Battery” for setting an output volt-
age other than 4.1V or 4.2V. The input pin BIP (Battery
In Place) is used to switch the SC801 from charger mode
to LDO mode. If this pin is logic high the device will be in
charger mode, if it is logic low it will be in the LDO mode.
During LDO mode the device will regulate the output volt-
age with a current limit set by the resistor tied to the
IPRGM pin. The BIP pin can be tied to the CP pin to place
the device in charge mode whenever the adaptor is in
place. The maximum voltage on the BIP input pin is 6V,
so do not tie it to the VCC input since this voltage can
exceed 6V in some conditions. The BIP pin should never
be left floating, but instead, should be tied through pull-
up/pull-down resistors when connected to a high imped-
ance control pin, otherwise it can be connected directly
to the CP pin or GND. The equation for setting the cur-
rent limit in the LDO mode will be:
1000
R
1.5
ILDO
PRGM
•


=
LED Flags
There are three LED drivers on the SC801: OVP (Over
Voltage), STAT (Status) and CP (Charger Present). Each
output can drive an LED directly without a current limit
resistor. In addition, each output can be monitored by a
microprocessor for change in their status. The table above
defines each LED output.
Applications Information
Pre-Charge Mode
Pre-charge mode is automatically enabled whenever the
battery voltage is below 2.8V. It is primarily used to limit
the power dissipation of the battery and the SC801 de-
vice whenever the battery is undercharged. As the bat-
tery begins to charge in this mode, the voltage of the
battery will rise and when the 2.8V limit is reached, the
SC801 will switch to the fast charge mode. The pre-
charge current value is selected by the termination re-
sistor on the ITERM pin. The maximum range of the pre-
charge current is from 10mA to 125mA. Whenever the
charger is in pre-charge or fast-charge the status LED
will light indicating that the battery is being charged. The
equation to select the pre-charge current is given by:
88
R
2.8
PCI
TERM
•


=
Fast-Charge Mode
The fast-charge mode exists while the battery voltage is
above 2.8V and the battery is not fully charged. The fast-
charge current can be set to a maximum of 1.5A and is
selected by the program resistor on the IPRGM pin. In
fact, the voltage on this pin will represent the current
through the battery enabling a microprocessor or ana-
log-to-digital converter (ADC), to monitor battery current
by sensing the voltage on the IPRGM pin. The equation
to set the fast-charge current is given by:
1000
R
1.5
FCI
PRGM
•


=
Note that for a given program resistor the current through
the battery can be determined by replacing 1.5 with the
actual voltage on the IPRGM pin in the above equation.
Termination Current
Once the battery reaches the program voltage of 4.1V,
4.2V or externally set voltage, the device will transition
from a constant current source to a constant voltage
source, as the current through the battery begins to de-
crease while the voltage remains constant. During this
time when the current falls below the programmed ter-
mination current set by the termination resistor on the
ITERM pin, the SC801 will turn off and the end of charge
will be indicated by the status LED turning off. The equa-
tion to set the termination current is given by:
88
R
1.5
ITERM
TERM
•


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com