Electronic Components Datasheet Search
  English  ▼

X  

SC801 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC801
Description  Fully Integrated High Currnet Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC801 Datasheet(HTML) 3 Page - Semtech Corporation

  SC801 Datasheet HTML 1Page - Semtech Corporation SC801 Datasheet HTML 2Page - Semtech Corporation SC801 Datasheet HTML 3Page - Semtech Corporation SC801 Datasheet HTML 4Page - Semtech Corporation SC801 Datasheet HTML 5Page - Semtech Corporation SC801 Datasheet HTML 6Page - Semtech Corporation SC801 Datasheet HTML 7Page - Semtech Corporation SC801 Datasheet HTML 8Page - Semtech Corporation SC801 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
 2002 Semtech Corp.
www.semtech.com
5+&
POWER MANAGEMENT
Electrical Characteristics Cont.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CC
°
5
2T
A
o
t
C
°
0
4
-
(
)
C
°
5
8
+
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
e
g
r
a
h
C
-
t
s
a
F
y
r
e
t
t
a
B
t
i
m
i
L
t
n
e
r
r
u
C
V
<
V
8
.
2
Y
R
E
T
T
A
B
V
<
T
A
B
V
1
=
e
g
a
t
l
o
v
t
u
o
p
o
r
D
*
*
5
.
1A
I
G
O
R
P
e
g
a
t
l
o
V
d
e
t
a
l
u
g
e
R
5
.
14
.
16
.
1V
V
N
I
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
O
L
V
U
2
.
43
.
4V
d
l
o
h
s
e
r
h
T
e
d
o
M
t
s
u
j
d
A
e
g
a
t
l
o
V
0
9V
m
V
T
A
B
d
l
o
h
s
e
r
h
T
e
g
r
a
h
c
e
r
P
8
.
27
.
29
.
2V
V
T
A
B
d
l
o
h
s
e
r
h
T
e
g
r
a
h
c
e
RV
T
A
B
V
-
Y
R
E
T
T
A
B
0
0
20
7
10
2
2V
m
V
N
I
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
P
V
O
8
.
65
2
5
.
61
.
7V
V
N
I
d
l
o
h
s
e
r
h
T
g
n
il
l
a
F
P
V
O
5
.
62
.
68
.
6V
V
N
I
s
i
s
e
r
e
t
s
y
H
P
V
O
0
0
30
0
20
0
4V
m
n
w
o
d
t
u
h
S
e
r
u
t
a
r
e
p
m
e
T
r
e
v
OC
°
0
1
=
s
i
s
e
r
e
t
s
y
H5
6
1C
°
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
s
u
t
a
t
Se
g
r
a
h
C
-
t
s
a
F
r
o
e
g
r
a
h
C
-
e
r
P
V
8
.
2
=
T
A
T
S
V
0
1A
m
V
5
2
.
0
=
T
A
T
S
V
,
e
g
r
a
h
C
f
o
d
n
E1
A
m
,
e
d
o
m
O
D
L
r
o
r
o
t
p
a
d
A
o
N
e
c
n
a
d
e
p
m
I
h
g
i
H
1A
µ
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
P
V
OP
V
O
>
C
C
V0
1A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
P
CO
L
V
U
>
C
C
V0
1A
m
e
g
a
k
a
e
L
t
u
p
n
I
E
S
N
E
S
B
t
n
e
r
r
u
C
1
.
01
A
µ
s
t
u
p
t
u
O
P
C
,
P
V
O
,
T
A
T
SV
H
O
A
m
0
1
=
d
a
o
L4
.
2
V
A
m
1
=
d
a
o
L6
.
2
V
L
O
A
µ
0
0
5
-
=
d
a
o
L5
2
.
0V
s
t
u
p
n
I
M
G
R
P
V
,
P
I
B
,
N
EV
H
I
8
.
1V
V
L
I
4
.
0V
** Thermally Limited
Unless otherwise noted: VCC = 4.75V - 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com