Electronic Components Datasheet Search
  English  ▼

X  

SC801 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC801
Description  Fully Integrated High Currnet Lithium-Ion Battery Charger System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC801 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC801 Datasheet HTML 6Page - Semtech Corporation SC801 Datasheet HTML 7Page - Semtech Corporation SC801 Datasheet HTML 8Page - Semtech Corporation SC801 Datasheet HTML 9Page - Semtech Corporation SC801 Datasheet HTML 10Page - Semtech Corporation SC801 Datasheet HTML 11Page - Semtech Corporation SC801 Datasheet HTML 12Page - Semtech Corporation SC801 Datasheet HTML 13Page - Semtech Corporation SC801 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
 2002 Semtech Corp.
www.semtech.com
5+&
POWER MANAGEMENT
Evaluation Board Schematic
TP 2
GN D
JP 2
A d jus t able V out
1
2
TP 1
+5 V I N
D4
FA U L T
C2
O PEN
JP 4
BI AS
JP 5
C H G R / LD O
D1
SD 12
+
C1
10uF / 25 V
D3
CP
R1
O PEN
JP 1
4.2V
1
2
C4
2.2uF
C3
0.1uF
TP 5
GN D
JP 3
4.1V
1
2
D2
SD 05
J1
CO N16 A P
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
JP 8
S C 801/S C 801M
1
2
R2
O PEN
R6
3.01K
R4
1M
TP 4
VO U T / VC H G
R7
619
U1
SC 80 1
14
1
3
7
4
15
9
10
2
11
5
8
13
6
16
12
VC C
BSEN
IP R G M
EN
ITE R M
VO U T
OV P
STAT
VPR G M
CP
NC
BI P
VC C
GN D
VO U T
NC
JP 7
Li-I on
TP 3
I SEN SE
D5
STATU S
R3
10K
JP 6
EN ABL E / D I SABL E
MINIMUM PARTS REQUIREMENT WITHIN DOTTED LINE
R5
1.24K
Top Gerber
Evaluation Board Gerber Plots
Bottom Gerber
Inner Gerber
Silk Screen Gerber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com