Electronic Components Datasheet Search
  English  ▼

X  

LTC4100 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 4Page - Linear Technology LTC4100 Datasheet HTML 5Page - Linear Technology LTC4100 Datasheet HTML 6Page - Linear Technology LTC4100 Datasheet HTML 7Page - Linear Technology LTC4100 Datasheet HTML 8Page - Linear Technology LTC4100 Datasheet HTML 9Page - Linear Technology LTC4100 Datasheet HTML 10Page - Linear Technology LTC4100 Datasheet HTML 11Page - Linear Technology LTC4100 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4100
8
sn4100 4100is
OPERATIO
Overview (Refer to Block Diagram)
The LTC4100 is composed of a battery charger section, a
charger controller, a 10-bit DAC to control charger cur-
rent, an 11-bit DAC to control charger voltage, a SafetySignal
decoder, limit decoder and an SMBus controller block. If
no battery is present, the SafetySignal decoder indicates a
RES_OR condition and charging is disabled by the charger
controller (CHGEN = Low). Charging will also be disabled
if DCDIV is low, or the SafetySignal is decoded as
RES_HOT. If a battery is inserted and AC power is con-
nected, the battery will be charged with an 80mA “wake-
up” current. The wake-up current is discontinued after
tTIMEOUT if the SafetySignal is decoded as RES_UR or
RES_C0LD, and the battery or host doesn’t transmit
charging commands.
The SMBus interface and control block receives
ChargingCurrent() and ChargingVoltage() commands via
the SMBus. If ChargingCurrent() and ChargingVoltage()
command pairs are received within a tTIMEOUT interval, the
values are stored in the current and voltage DACs and the
charger controller asserts the CHGEN line if the decoded
SafetySignal value will allow charging to commence.
ChargingCurrent() and ChargingVoltage() values are com-
pared against limits programmed by the limit decoder
block; if the commands exceed the programmed limits
these limits are substituted and overrange flags are set.
The charger controller will assert SMBALERT whenever a
status change is detected, namely: AC_PRESENT,
BATTERY_PRESENT, ALARM_INHIBITED, or VDD
power-fail. The host may query the charger, via the
SMBus, to obtain ChargerStatus() information. SMBALERT
will be deasserted upon a successful read of
ChargerStatus() or a successful Alert Response
Address (ARA) request.
Battery Charger Controller
The LTC4100 charger controller uses a constant off-time,
current mode step-down architecture. During normal
operation, the top MOSFET is turned on each cycle when
the oscillator sets the SR latch and turned off when the
main current comparator ICMP resets the SR latch. While
the top MOSFET is off, the bottom MOSFET is turned
on until either the inductor current trips the current
comparator IREV, or the beginning of the next cycle.
The oscillator uses the equation,
t
VV
Vf
OFF
DCIN
BAT
DCIN
OSC
=
(–
)
(•
)
to set the bottom MOSFET on time. The result is quasi-
constant frequency operation: the converter frequency
remains nearly constant over a wide range of output
voltages. This activity is diagrammed in Figure 3.
The peak inductor current, at which ICMP resets the SR
latch, is controlled by the voltage on ITH. ITH is in turn
controlled by several loops, depending upon the situation
at hand. The average current control loop converts the
voltage between CSP and BAT to a representative current.
Error amp CA2 compares this current against the desired
current programmed by the IDAC at the IDC pin and adjusts
ITH for the desired voltage across RSENSE.
The voltage at BAT is divided down by an internal resistor
divider set by the VDAC and is used by error amp EA to
decrease ITH if the divider voltage is above the 1.19V
reference.
The amplifier CL1 monitors and limits the input current,
normally from the AC adapter, to a preset level (100mV/
RCL). At input current limit, CL1 will decrease the ITH
voltage to reduce charging current.
An overvoltage comparator, OV, guards against transient
overshoots (>7%). In this case, the top MOSFET is turned
off until the overvoltage condition is cleared. This feature
is useful for batteries that "load dump" themselves by
opening their protection switch to perform functions such
as calibration or pulse mode charging.
tOFF
OFF
OFF
ON
ON
TGATE
BGATE
INDUCTOR
CURRENT
TRIP POINT SET
BY ITH VOLTAGE
4100 F01
Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com