Electronic Components Datasheet Search
  English  ▼

X  

LTC4100 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 5Page - Linear Technology LTC4100 Datasheet HTML 6Page - Linear Technology LTC4100 Datasheet HTML 7Page - Linear Technology LTC4100 Datasheet HTML 8Page - Linear Technology LTC4100 Datasheet HTML 9Page - Linear Technology LTC4100 Datasheet HTML 10Page - Linear Technology LTC4100 Datasheet HTML 11Page - Linear Technology LTC4100 Datasheet HTML 12Page - Linear Technology LTC4100 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4100
9
sn4100 4100is
OPERATIO
I2C is a trademark of Philips Electronics N.V.
*http://www. SBS-FORUM.org
PWM Watchdog Timer
There is a watchdog timer that observes the activity on the
TGATE pin. If TGATE stops switching for more than 40
µs,
the watchdog activates and turns off the top MOSFET for
about 400ns. The watchdog engages to prevent very low
frequency operation in dropout – a potential source of
audible noise when using ceramic input and output ca-
pacitors.
Charger Start-Up
When the charger is enabled, it will not begin switching
until the ITH voltage exceeds a threshold that assures initial
current will be positive. This threshold is 5% to 15% of the
maximum programmed current. After the charger begins
switching, the various loops will control the current at a
level that is higher or lower than the initial current. The
duration of this transient condition depends upon the loop
compensation, but is typically less than 1ms.
SMBus Interface
All communications over the SMBus are interpreted by the
SMBus interface block. The SMBus interface is an SMBus
slave device. All internal LTC4100 registers may be up-
dated and accessed through the SMBus interface, and
charger controller as required. The SMBus protocol is a
derivative of the I2C
TM bus (Reference “I2C-Bus and How
to Use It, V1.0” by Philips, and "System Management Bus
Specification", Version 1.1, from the SBS Implementers
Forum, for a complete description of the bus protocol
requirements.)
All data is clocked into the shift register on the rising edge
of SCL. All data is clocked out of the shift register on the
falling edge of SCL. Detection of an SMBus Stop condition,
or power-on reset via the VDD power-fail, will reset the
SMBus interface to an initial state at any time.
The LTC4100 command set is interpreted by the SMBus
interface and passed onto the charger controller block as
control signals or updates to internal registers.
Description of Supported Battery Charger Functions
The functions are described as follows (see Table 1 also):
FunctionName() 'hnn (command code)
Description: A brief description of the function.
Purpose: The purpose of the function, and an example
where appropriate.
• SMBus Protocol: Refer to Section 5 of the Smart
Battery Charger specification for more details.
Input, Output or Input/Output: A description of the data
supplied to or returned by the function.
ChargerSpecInfo() ('h11)
Description: The SMBus Host uses this command to read
the LTC4100’s extended status bits.
Purpose: Allows the System Host to determine the speci-
fication revision the charger supports as well as other
extended status information.
• SMBus Protocol: Read Word.
Output: The CHARGER_SPEC indicates that the LTC4100
supports Version 1.1 of the Smart Battery Charger Speci-
fication. The SELECTOR_SUPPORT indicates that the
LTC4100 does not support the optional Smart Battery
Selector Commands.
ChargerMode() ('h12)
Description: The SMBus Host uses this command to set
the various charger modes. The default values are set to
allow a Smart Battery and the LTC4100 to work in concert
without requiring an SMBus Host.
Purpose: Allows the SMBus Host to configure the charger
and change the default modes. This is a write only func-
tion, but the value of the “mode” bit, INHIBIT_CHARGE
may be determined using the ChargerStatus() function.
• SMBus Protocol: Write Word.
Input: The INHIBIT_CHARGE bit allows charging to be
inhibited without changing the ChargingCurrent() and
ChargingVoltage() values. The charging may be resumed
by clearing this bit. This bit is automatically cleared when
power is re-applied or when a battery is re-inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com