Electronic Components Datasheet Search
  English  ▼

X  

74HCT3G07DP Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HCT3G07DP
Description  Triple buffer with open-drain outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT3G07DP Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HCT3G07DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT3G07DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT3G07DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT3G07DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT3G07DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT3G07DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT3G07DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT3G07DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT3G07DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74HC3G07; 74HCT3G07
Triple buffer with open-drain outputs
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 6.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
74HC3G07
nA to nY; see Fig. 5
VCC = 2.0 V
-
25
95
-
125
ns
VCC = 4.5 V
-
9
19
-
25
ns
tPZL
OFF-state to LOW
propagation delay
VCC = 6.0 V
-
7
16
-
20
ns
nA to nY; see Fig. 5
VCC = 2.0 V
-
25
95
-
125
ns
VCC = 4.5 V
-
11
23
-
30
ns
tPLZ
LOW to OFF-state
propagation delay
VCC = 6.0 V
-
10
23
-
26
ns
nY; see Fig. 5
VCC = 2.0 V
-
18
95
-
125
ns
VCC = 4.5 V
-
6
19
-
25
ns
tTHL
HIGH to LOW output
transition time
VCC = 6.0 V
-
5
16
-
20
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[2]
-
4
-
-
-
pF
74HCT3G07
tPZL
OFF-state to LOW
propagation delay
nA to nY; VCC = 4.5 V; see Fig. 5
-
11
27
-
32
ns
tPLZ
LOW to OFF-state
propagation delay
nA to nY; VCC = 4.5 V; see Fig. 5
-
10
26
-
31
ns
tTHL
HIGH to LOW output
transition time
nY; VCC = 4.5 V; see Fig. 5
-
6
19
-
22
ns
CPD
power dissipation
capacitance
VI = GND to VCC - 1.5 V
[2]
-
4
-
-
pF
[1] Typical values are measured at Tamb = 25 °C.
[2] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of outputs.
74HC_HCT3G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 5 — 24 January 2019
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com