Electronic Components Datasheet Search
  English  ▼

X  

SCA61T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SCA61T
Description  INCLINOMETER SERIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCA61T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SCA61T Datasheet HTML 1Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 2Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 3Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 4Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 5Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 6Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 7Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 8Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SCA61T Series
VTI Technologies Oy
Subject to changes
4/18
www.vti.fi
Doc. nr. 8261900
Rev.A
1.3
Electrical Characteristics
Parameter
Condition
Min.
Typ
Max.
Units
Supply voltage Vdd
4.75
5.0
5.25
V
Current
consumption
Vdd = 5 V; No load
2.5
4
mA
Operating
temperature
-40
+125
°C
Analog resistive
output load
Vout to Vdd or GND
10
kOhm
Analog capacitive
output load
Vout to Vdd or GND
20
nF
Start-up delay
Reset and parity check
10
ms
1.4
SPI Interface DC Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
1.4.1.1.1
Input terminal CSB
Pull up current
VIN = 0 V
IPU
13
22
35
µA
Input high voltage
VIH
4
Vdd+0.3
V
Input low voltage
VIL
-0.3
1
V
Hysteresis
VHYST
0.23*Vdd
V
Input capacitance
CIN
2
pF
1.4.1.1.2
Input terminal MOSI, SCK
Pull down current
VIN = 5 V
IPD
9
17
29
µA
Input high voltage
VIH
4
Vdd+0.3
V
Input low voltage
VIL
-0.3
1
V
Hysteresis
VHYST
0.23*Vdd
V
Input capacitance
CIN
2
pF
1.4.1.1.3
Output terminal MISO
Output high voltage
I > -1mA
VOH
Vdd-
0.5
V
Output low voltage
I < 1 mA
VOL
0.5
V
Tristate leakage
0 < VMISO <
Vdd
ILEAK
5
100
pA
1.5
SPI Interface AC Characteristics
Parameter
Condition
Min.
Typ.
Max.
Units
Output load
@500kHz
1
nF
SPI clock frequency
500
kHz
Internal A/D conversion time
150
µs
Data transfer time
@500kHz
38
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com