Electronic Components Datasheet Search
  English  ▼

X  

SCA61T Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SCA61T
Description  INCLINOMETER SERIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCA61T Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SCA61T Datasheet HTML 2Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 3Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 4Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 5Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 6Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 7Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 8Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 9Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SCA61T Series
VTI Technologies Oy
Subject to changes
6/18
www.vti.fi
Doc. nr. 8261900
Rev.A
Temperature dependency of SCA61T offset
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
100
120
Temp [°C]
average
+3 sigma
-3 sigma
specification
limit
specification
limit
1.7
Electrical Connection
If the SPI interface is not used SCK (pin1), MISO (pin3), MOSI (pin4) and CSB (pin7) must be left
floating. Self-test can be activated applying logic “1” (positive supply voltage level) to ST pin (pin
6). If ST feature is not used pin 6 must be left floating or connected to GND. Inclination signal is
provided from pin OUT.
Figure 3.
SCA61T electrical connection
No.
Node
I/O
Description
1
SCK
Input
Serial clock
2
MISO
Output
Master in slave out; data output
3
MOSI
Input
Master out slave in; data input
4
GND
Supply
Ground
5
CSB
Input
Chip select (active low)
6
ST
Input
Self test input
7
Out
Output
Output
8
VDD
Supply
Positive supply voltage (+5V DC)
1.8
Typical Performance Characteristics
Typical offset and sensitivity temperature dependencies of SCA61T are presented in following
diagrams. These results represent the typical performance of SCA61T components. The mean
value and 3 sigma limits (mean ± 3
× standard deviation) and specification limits are presented in
following diagrams. The 3 sigma limits represents 99.73% of the SCA61T population.
Figure 4.
Typical temperature dependency of the SCA61T offset
1 SCK
2 MISO
3 MOSI
8 VDD
7 OUT
6 ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com