Electronic Components Datasheet Search
  English  ▼

X  

SCA61T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SCA61T
Description  INCLINOMETER SERIES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCA61T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SCA61T Datasheet HTML 3Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 4Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 5Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 6Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 7Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 8Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 9Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 10Page - List of Unclassifed Manufacturers SCA61T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SCA61T Series
VTI Technologies Oy
Subject to changes
7/18
www.vti.fi
Doc. nr. 8261900
Rev.A
)
100
/
1
(
*
Scorr
SENS
SENScomp
+
=
0362
.
0
*
0019
.
0
*
00011
.
0
2
+
+
−
=
T
T
Scorr
Offcorr
Offset
OFFSETcomp
−
=
0514
.
0
*
0032
.
0
*
0000857
.
0
*
0000005
.
0
2
3
+
−
+
−
=
T
T
T
Offcorr
Temperature dependency of SCA61T sensitivity
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
-40
-20
0
20
40
60
80
100
120
Temp [°C]
average
+3 sigma
-3 sigma
specification
limit
specification
limit
Figure 5.
Typical temperature dependency of SCA61T sensitivity
1.9
Additional External Compensation
To achieve the best possible accuracy, the temperature measurement information and typical
temperature dependency curves can be used for SCA61T offset and sensitivity temperature
dependency compensation. The equation for the fitted 3
rd order polynome curve for offset
compensation is:
Where:
Offcorr:
3
rd order polynome fitted to average offset temperature dependency curve
T
temperature in °C (Refer to paragraph 2.7 Temperature Measurement)
The calculated compensation curve can be used to compensate for the temperature dependency
of the SCA61T offset by using the following equation:
Where:
OFFSETcomp
temperature compensated offset in degrees
Offset
Nominal offset in degrees
The equation for the fitted 2
nd order polynome curve for sensitivity compensation is:
Where:
Scorr:
2
nd order polynome fitted to average sensitivity temperature dependency curve
T
temperature in °C
The calculated compensation curve can be used to compensate the temperature dependency of
the SCA61T sensitivity by using the following equation:
Where:
SENScomp
temperature compensated sensitivity
SENS
Nominal sensitivity (4V/g SCA61T-FAHH1G, 2V/g SCA61T-FA1H1G)
The typical offset and sensitivity temperature dependency after external compensation is shown in
the following diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com