Electronic Components Datasheet Search
  English  ▼

X  

UPC452 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC452
Description  Single Power Supply Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC452 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC452 Datasheet HTML 1Page - Renesas Technology Corp UPC452 Datasheet HTML 2Page - Renesas Technology Corp UPC452 Datasheet HTML 3Page - Renesas Technology Corp UPC452 Datasheet HTML 4Page - Renesas Technology Corp UPC452 Datasheet HTML 5Page - Renesas Technology Corp UPC452 Datasheet HTML 6Page - Renesas Technology Corp UPC452 Datasheet HTML 7Page - Renesas Technology Corp UPC452 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
μPC452, 3403
R03DS0138EJ0100 Rev.1.00
Page 3 of 7
2019.1.17
ELECTRICAL CHARACTERISTICS (TA = 25
C, V ± = ±15 V)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Input Offset Voltage
VIO
±2.0
±7.0
mV
±2.0
±7.0
V + = +5 V, V - = GND
Input Offset Current
IIO
±5
±50
nA
±5
±50
V + = +5 V, V - = GND
Input Bias Current Note 6
IB
45
250
nA
45
250
V + = +5 V, V - = GND
Large Signal Voltage Gain
AV
20000
80000
VO = ±10 V , RL = 2 kΩ,
20000
80000
V + = +5 V, V - = GND, RL = 2 kΩ
Circuit Current Note 7
ICC
2.8
7.0
mA
VO = 0, RL =
, IO = 0 A
2.5
7.0
V + = +5 V, V - = GND, IO = 0 A
Common Mode Rejection
Ratio
CMR
70
90
dB
RS ≦ 10 kΩ
Supply Voltage Rejection
Ratio
SVR
30
150
µV/V
150
V + = +5 V, V - = GND
Output Voltage Swing
Vom
±12
+13.5
V
RL = 10 kΩ
±10
+13
RL = 2.0 kΩ
V + -1.7
0
V + -1.5
0
RL = 10 kΩ (Connect to GND),
5.0 V ≦ V + ≦ 30 V, V - =
GND
Common Mode Input
Voltage Range
VICM
+13
-15
+13.5
-15
V
Output Short-Circuit
Current
IOS
±10
±20
±45
mA
Channel Separation
120
dB
f = 1 kHz ~ 20 kHz
【
Note】6. The direction of the input bias current is the current flowing out from the IC because the first stage IC composed
of PNP transistors
7. It is the current flowing into the internal circuit. This current flow is regardless of the channel used.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com