Electronic Components Datasheet Search
  English  ▼

X  

UPC452 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC452
Description  Single Power Supply Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC452 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC452 Datasheet HTML 1Page - Renesas Technology Corp UPC452 Datasheet HTML 2Page - Renesas Technology Corp UPC452 Datasheet HTML 3Page - Renesas Technology Corp UPC452 Datasheet HTML 4Page - Renesas Technology Corp UPC452 Datasheet HTML 5Page - Renesas Technology Corp UPC452 Datasheet HTML 6Page - Renesas Technology Corp UPC452 Datasheet HTML 7Page - Renesas Technology Corp UPC452 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
μPC452, 3403
R03DS0138EJ0100 Rev.1.00
Page 2 of 7
2019.1.17
EQUIVALENT CIRCUIT (¼ Circuit)
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Parameter
Symbol
μPC452G2
μPC3403G2
Unit
Supply Voltage Note 1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note 2
VI
V - -0.3 ~ V + +0.3
V
Output applied voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note 4
PT
550
mW
Output Short Circuit Duration Note 5
ts
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
C
Storage Temperature
Tstg
-55 ~ +125
C
【
Note】1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be applied within the input voltage range to avoid deteriorating or damaging the device
characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-Amp
input voltage must operates within the electrical characteristics range of input common-mode voltage.
3. The output terminal must be applied within the output voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp output voltage must operates within the electrical characteristics range of maximum output voltage.
4. This is the value at TA ≦ +25
C. De-rate value at -5.5 mW/C when TA > 25 C
5. Please use the total loss and the de-rating value from Note 4.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Power Supply Voltage
(Dual Power Supply)
V ±
±1.5
±16
V
Power Supply Voltage
(V - = GND)
V +
+3
+32
V
IN
II
V +
OUTPUT
Q4
Q3
Q2
Q6
Q1
Q8
Q9
Q7
Q5
Q10
Q15
Q17
Q18
Q22
Q28
Q26
Q24
Q19
Q20
Q21
Q23
Q27
Q14
Q12
Q16
Q11
Q13
Q25
R5
R1
R6
R2
R7
R4
R3
60 kΩ
2 kΩ
35 kΩ
25 Ω
32 kΩ
40 kΩ
2.4 kΩ
5 pFC
1
4ch. 共通 V -
Common



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com