Electronic Components Datasheet Search
  English  ▼

X  

UPC452 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC452
Description  Single Power Supply Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC452 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC452 Datasheet HTML 1Page - Renesas Technology Corp UPC452 Datasheet HTML 2Page - Renesas Technology Corp UPC452 Datasheet HTML 3Page - Renesas Technology Corp UPC452 Datasheet HTML 4Page - Renesas Technology Corp UPC452 Datasheet HTML 5Page - Renesas Technology Corp UPC452 Datasheet HTML 6Page - Renesas Technology Corp UPC452 Datasheet HTML 7Page - Renesas Technology Corp UPC452 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0138EJ0100 Rev.1.00
Page 1 of 7
2019.1.17
Datasheet
μPC452, 3403
Single Power Supply Quad Operational Amplifier
DESCRIPTION
µPC452, 3403 are high-performance version of the single-supply op-amp µPC451, 324.Class AB push-pull
circuity is employed in the output stage to avoid crossover distortion, and the AC characteristics of this op-
amp are also improved. In addition, this single-supply op-amp can operate in both positive and negative power
supply and its common-mode input voltage range can also be used from the V-(GND) level. Therefore, this
amplifier can be widely used in various application circuit including single-supply AC amplifiers.
Depending on operating ambient temperature, µPC452 are suited for communication application while
µPC3403 are for general purpose usage.
FEATURES
 Input Offset Voltage
±2 mV (TYP.)
 Input Offset Current
±5 nA (TYP.)
 Input Bias Current
45 nA (TYP.)
 Slew Rate
0.8 V/μs (TYP.)
 Built-In phase correction circuit
 Built-In Output Short-Circuit Protection
 Standard quad op-amp terminal connection (pin compatible)
Ordering Information
Ordering Name
Package
μPC452G2-A
14-pin plastic SOP ( 5.72 mm ( 225 ))
μPC3403G2-A
14-pin plastic SOP ( 5.72 mm ( 225 ))
PIN CONFIGURATION (Top View)
1
+
-
1
OUT1
11 V -
2
II1
3
IN1
4
V +
14 OUT4
13 II4
12 IN4
4
-
+
3
2
7
OUT2
6
II2
5
IN2
8
OUT3
9
II3
10 IN3
R03DS0138EJ0100
Rev.1.00
2019.1.17


Similar Part No. - UPC452

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC452 RENESAS-UPC452 Datasheet
630Kb / 8P
Single Power Supply Quad Operational Amplifiers
Rev.2.00 Feb.18.25
UPC452G2-AP RENESAS-UPC452G2-AP Datasheet
630Kb / 8P
Single Power Supply Quad Operational Amplifiers
Rev.2.00 Feb.18.25
UPC452 RENESAS-UPC452_V01 Datasheet
630Kb / 8P
Single Power Supply Quad Operational Amplifiers
Rev.2.00 Feb.18.25
More results

Similar Description - UPC452

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
logo
Analog Devices
OP-292 AD-OP-292 Datasheet
679Kb / 20P
DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
OP292 AD-OP292 Datasheet
686Kb / 20P
DUAL/QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4243 BURR-BROWN-OPA4243 Datasheet
97Kb / 7P
Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
Quad Single-Supply Operational Amplifier
logo
Texas Instruments
OPA4243 TI-OPA4243_13 Datasheet
668Kb / 12P
Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
New Japan Radio
NJM2902M-TE1 NJRC-NJM2902M-TE1 Datasheet
310Kb / 6P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com