Electronic Components Datasheet Search
  English  ▼

X  

UPC494 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC494
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC494 Datasheet HTML 3Page - Renesas Technology Corp UPC494 Datasheet HTML 4Page - Renesas Technology Corp UPC494 Datasheet HTML 5Page - Renesas Technology Corp UPC494 Datasheet HTML 6Page - Renesas Technology Corp UPC494 Datasheet HTML 7Page - Renesas Technology Corp UPC494 Datasheet HTML 8Page - Renesas Technology Corp UPC494 Datasheet HTML 9Page - Renesas Technology Corp UPC494 Datasheet HTML 10Page - Renesas Technology Corp UPC494 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet G12649EJ5V0DS00
5
μPC494
ELECTRICAL SPECIFICATIONS (VCC = 15 V, f = 10 kHz,
−20°C ≤ TA ≤ +70°C, unless otherwise noted)
(1/2)
Block
Characteristics
Symbol
Conditions
MIN.
TYP.
Note1
MAX.
Unit
Output Voltage
VREF
IREF = 1 mA, TA = 25
°C
4.75
5
5.25
V
Line Regulation
REGIN
7 V
≤ VCC ≤ 40 V,
IREF = 1 mA, TA = 25
°C
8
25
mV
Load Regulation
REGL
1 mA
≤ IREF ≤ 10 mA,
TA = 25
°C
1
15
mV
Temperature Coefficient
ΔVREF /ΔT −20°C ≤ TA ≤ +85°C,
IREF = 1 mA
0.01
0.03
%/
°C
Reference
Section
Short Circuit Output Current
Note2
ISHORT
VREF = 0 V
50
mA
Frequency
fOSC
CT = 0.01
μF,
RT = 12 k
Ω
10
kHz
Standard Deviation of Frequency
Note3
7 V
≤ VCC ≤ 40 V,
TA = 25
°C, under
recommended operating
conditions of CT and RT
constants.
10
%
Frequency Change with Voltage
7 V
≤ VCC ≤ 40 V,
TA = 25
°C,
CT = 0.01
μF, RT = 12 kΩ
1
%
Oscillator
Section
Frequency Change with Temperature
0
°C ≤ TA ≤ 70°C,
CT = 0.01
μF,
RT = 12 k
Ω
1
2
%
Input Bias Current
0 V
≤ VDTC ≤ 5.25 V
−2
−10
μA
Maximum Duty Cycle (Each Output)
VDTC = 0 V
45
49
%
Input Threshold Voltage 1
VTH1
Output pulse 0% duty cycle
3
3.3
V
Dead- Time
Control
Section
Input Threshold Voltage 2
VTH2
Output pulse maximum duty
cycle
0
V
Input Offset Voltage
VIO
VOAMP = 2.5 V
2
10
mV
Input Offset Current
IIO
VOAMP = 2.5 V
25
250
nA
Input Bias Current
VOAMP = 2.5 V
0.2
1
μA
Low level
−0.3
Common Mode
Input Voltage
High level
VICM
7 V
≤ VCC ≤ 40 V
VCC
− 2
V
Open Loop Voltage Gain
AV
VOAMP = 0.5 to 3.5 V,
TA = 25
°C
60
80
dB
Unity Gain Bandwidth
TA = 25
°C
500
830
kHz
Common Mode Rejection Ratio
CMR
VCC = 40 V, TA = 25
°C
65
80
dB
Output Sink Current
VOAMP = 0.7 V
0.3
0.7
mA
Error
Amplifier 1, 2
Section
Output Source Current
VOAMP = 3.5 V
−2
−10
mA
Input Threshold Voltage (Pin 3)
Output pulse 0% duty cycle,
see Figure 1.
4
4.5
V
PWM
Section
Input Sink Current
V(Pin 3) = 0.7 V
0.3
0.7
mA
Notes 1. The TYP. values are values at TA = 25
°C, except for the characteristics of temperature.
2. The short circuit output current flow must be terminated within 1 second.
Repeated operations are allowed while internal heat accumulation is within a safe range.
3. Standard deviation is a measure of the statistical distribution about the mean as derived from the formula;
Calculation expression of frequency fOSC is as follows ;
σ =
N
− 1
N
∑ (Xn − X)
2
n = 1
fOSC
≅
(Hz)
[RT] =
Ω, [CT] = F
0.817 RT
• CT + 1.42 • 10−
6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com