Electronic Components Datasheet Search
  English  ▼

X  

UPC494 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC494
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC494 Datasheet HTML 5Page - Renesas Technology Corp UPC494 Datasheet HTML 6Page - Renesas Technology Corp UPC494 Datasheet HTML 7Page - Renesas Technology Corp UPC494 Datasheet HTML 8Page - Renesas Technology Corp UPC494 Datasheet HTML 9Page - Renesas Technology Corp UPC494 Datasheet HTML 10Page - Renesas Technology Corp UPC494 Datasheet HTML 11Page - Renesas Technology Corp UPC494 Datasheet HTML 12Page - Renesas Technology Corp UPC494 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet G12649EJ5V0DS00
7
μPC494
TEST CIRCUIT AND WAVEFORM CHARACTERISTICS
Figure1. Test Circuit
Test Input
12 k
Ω
50 k
Ω
0.01 F
(4)
C1
E1
C2
E2
Ref Out
Dead-Time
Control
Feed-Back
RT
CT
Non-Inv. Input
Inv. Input
Non-Inv. Input
Inv. Input
Output Control
VCC = 15 V
RL
150
Ω
2 W
RL
150
Ω
2 W
Output 1
Output 2
VCC
GND
Note
(3)
(6)
(5)
(1)
(2)
(16)
(15)
(13)
(7)
(14)
(12)
(8)
(9)
(11)
(10)
μ
Note Recommend film capacitor.
Caution When the emitter follower is output, connect C1 and C2 to VCC and E1 and E2 to GND via RL.
Figure2. Voltage Waveform
C1 Output Voltage
C2 Output Voltage
CT Voltage
sawtooth-wave
oscillation output
Dead-Time Control
Input Voltage
Feed-Back Input
(E.A. Output)
0.7 V
Threshold Voltage
0% MAX.
Threshold Voltage
0%
VCC
0 V
VCC
0 V
Connection of Output Control Pin (Pin 13)
Output Control Input (Pin 13)
Operation Mode
Ref Out
push-pull
GND
Single-ended operation (common-mode output of C1, C2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com