Electronic Components Datasheet Search
  English  ▼

X  

UPC494 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPC494
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPC494 Datasheet HTML 8Page - Renesas Technology Corp UPC494 Datasheet HTML 9Page - Renesas Technology Corp UPC494 Datasheet HTML 10Page - Renesas Technology Corp UPC494 Datasheet HTML 11Page - Renesas Technology Corp UPC494 Datasheet HTML 12Page - Renesas Technology Corp UPC494 Datasheet HTML 13Page - Renesas Technology Corp UPC494 Datasheet HTML 14Page - Renesas Technology Corp UPC494 Datasheet HTML 15Page - Renesas Technology Corp UPC494 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet G12649EJ5V0DS00
10
μPC494
BASIC APPLICATION CIRCUIT
rsense
GND
VOUT
Switching regulator
output pin
100
Ω
R14
R15
R13
VCC
C2
C7
C4
C5
C1
C3
0.01
μF
C6
47
μF
100
Ω
7.5 k
Ω
3.9 k
Ω
7.5 k
Ω
110
Ω
240 k
Ω
2 k
Ω
5.1 k
Ω 5.1 kΩ
5 k
Ω
VR3
–Iosense
Vosense
0.01
μF
JP1
JP2
R1
R5
R2
R8
24 k
Ω
R7
R12
C2
E2
E1
C1
R4
VR1
R17
R3
5.1 k
Ω
R16
100 k
Ω
R6
24 k
Ω
R10
110
Ω
R9
110
Ω
R11
110
Ω
2 k
Ω
+
10
μF
+5 V (VREF)
16
15
14
13
12
11
10
9
12345678
+–
ERROR
AMP
2
ERROR
AMP
1
REFERENCE
REGULATOR
F/F
OSCILLATOR
0.1 V
12 V
+
VR2
+Iosense
+
–
Remark fOSC
≅ 40 kHz, C5 = 1000 pF (Recommend film capacitor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com