Electronic Components Datasheet Search
  English  ▼

X  

74HC158 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74HC158
Description  Quad 2-input multiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC158 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HC158 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC158
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 4 — 23 December 2015
6 of 16
Nexperia
74HC158
Quad 2-input multiplexer; inverting
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 C
VIH
HIGH-level input voltage
VCC =2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC =6.0 V
4.2
3.2
-
V
VIL
LOW-level input voltage
VCC =2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35 V
VCC =6.0 V
-
2.8
1.8
V
VOH
HIGH-level output voltage VI =VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
V
IO = 4mA; VCC = 4.5 V
3.98
4.32
-
V
IO = 5.2 mA; VCC = 6.0 V
5.48
5.81
-
V
VOL
LOW-level output voltage VI =VIH or VIL
IO =20 A; VCC = 2.0 V
-
0
0.1
V
IO =20 A; VCC = 4.5 V
-
0
0.1
V
IO =20 A; VCC = 6.0 V
-
0
0.1
V
IO =4 mA; VCC = 4.5 V
-
0.15
0.26 V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26 V
II
input leakage current
VI =VCC or GND; VCC =6.0 V
-
-
0.1 A
ICC
supply current
VI =VCC or GND; IO =0A; VCC = 6.0 V
-
-
8.0
A
CI
input capacitance
-
3.5
-
pF
Tamb = 40 C to +85 C
VIH
HIGH-level input voltage
VCC =2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC =6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC =2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35 V
VCC =6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage VI =VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
-
-
V
IO = 20 A; VCC = 4.5 V
4.4
-
-
V
IO = 20 A; VCC = 6.0 V
5.9
-
-
V
IO = 4mA; VCC = 4.5 V
3.84
-
-
V
IO = 5.2 mA; VCC = 6.0 V
5.34
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com