Electronic Components Datasheet Search
  English  ▼

X  

74HC158 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC158
Description  Quad 2-input multiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC158 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC158 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC158
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 4 — 23 December 2015
8 of 16
Nexperia
74HC158
Quad 2-input multiplexer; inverting
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; for test circuit see Figure 8.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Tamb =25 C
tpd
propagation delay
nI0, nI1 to nY; see Figure 6
[1]
VCC =2.0 V
-
41
125 ns
VCC = 4.5 V
-
15
25 ns
VCC = 6.0 V
-
12
21 ns
VCC =5.0 V; CL =15 pF
-
12
-
ns
E to nY; see Figure 7
[1]
VCC =2.0 V
-
47
145 ns
VCC = 4.5 V
-
17
29 ns
VCC = 6.0 V
-
14
25 ns
VCC =5.0 V; CL =15 pF
-
14
-
ns
S to nY; see Figure 6
[1]
VCC =2.0 V
-
47
145 ns
VCC = 4.5 V
-
17
29 ns
VCC = 6.0 V
-
14
25 ns
VCC =5.0 V; CL =15 pF
-
14
-
ns
tt
transition time
see Figure 6 and 7
[2]
VCC = 2.0 V
-
19
75 ns
VCC =4.5 V
-
7
15 ns
VCC =6.0 V
-
6
13 ns
CPD
power dissipation capacitance
per multiplexer; VI =GND to VCC
[3]
-40-
pF
Tamb = 40 C to +85 C
tpd
propagation delay
nI0, nI1 to nY; see Figure 6
[1]
VCC = 2.0 V
-
-
155 ns
VCC =4.5 V
-
-
31 ns
VCC =6.0 V
-
-
26 ns
E to nY; see Figure 7
[1]
VCC = 2.0 V
-
-
180 ns
VCC =4.5 V
-
-
36 ns
VCC =6.0 V
-
-
31 ns
S to nY; see Figure 6
[1]
VCC = 2.0 V
-
-
180 ns
VCC =4.5 V
-
-
36 ns
VCC =6.0 V
-
-
31 ns
tt
transition time
see Figure 6 and 7
[2]
VCC =2.0 V
-
-
95 ns
VCC =4.5 V
-
-
19 ns
VCC =6.0 V
-
-
16 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com