Electronic Components Datasheet Search
  English  ▼

X  

74HC158 Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74HC158
Description  Quad 2-input multiplexer; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC158 Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74HC158 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC158 Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC158
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 4 — 23 December 2015
12 of 16
Nexperia
74HC158
Quad 2-input multiplexer; inverting
12. Package outline
Fig 9.
Package outline SOT109-1 (SO16)
X
w M
θ
A
A1
A2
bp
D
HE
Lp
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
8
9
1
16
y
pin 1 index
θ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
10.0
9.8
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT109-1
99-12-27
03-02-19
076E07
MS-012
0.069 0.010
0.004
0.057
0.049 0.01
0.019
0.014
0.0100
0.0075
0.39
0.38
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.020
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
0
2.5
5 mm
scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com