Electronic Components Datasheet Search
  English  ▼

X  

UPC1933GR Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1933GR
Description  BiCMOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1933GR Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1933GR Datasheet HTML 1Page - Renesas Technology Corp UPC1933GR Datasheet HTML 2Page - Renesas Technology Corp UPC1933GR Datasheet HTML 3Page - Renesas Technology Corp UPC1933GR Datasheet HTML 4Page - Renesas Technology Corp UPC1933GR Datasheet HTML 5Page - Renesas Technology Corp UPC1933GR Datasheet HTML 6Page - Renesas Technology Corp UPC1933GR Datasheet HTML 7Page - Renesas Technology Corp UPC1933GR Datasheet HTML 8Page - Renesas Technology Corp UPC1933GR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
BiCMOS INTEGRATED CIRCUIT
µµµµ PC1933
DC-DC CONVERTER CONTROL IC
DATA SHEET
Document No. G13690EJ3V0DS00 (3rd edition)
Date Published April 2000 NS CP (K)
Printed in Japan
The mark 5 shows major revised points.
DESCRIPTION
The
µ PC1933 is an IC that controls a low-voltage input DC-DC converter. This IC is suitable for an operation with3-V,
3.3-V input or a lithium ion secondary battery input, because the minimum operating supply voltage is 2.5 V.
Because of its wide operating voltage range, it can also be used to control DC-DC converters that use an AC adapter for
input.
FEATURES
• Low supply voltage: 2.5 V (MIN.)
• Operating voltage range: 2.5 to 20 V (breakdown voltage: 30 V)
• Timer latch circuit for short-circuit protection.
• Ceramic capacitor with low capacitance (0.1
µ F) can be used for short-circuit protection.
• Open drain output (1 cannel: This output can be used to control a step-down converter, a step-up converter.)
• Dead time is internally fixed to 85 %.
• Soft start function (with a circuit to convert the timer latch circuit.)
ORDERING INFORMATION
Part Number
Package
µ PC1933GR
8-pin plastic SOP (5.72 mm (225))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com