Electronic Components Datasheet Search
  English  ▼

X  

UPC1933GR Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPC1933GR
Description  BiCMOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1933GR Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPC1933GR Datasheet HTML 14Page - Renesas Technology Corp UPC1933GR Datasheet HTML 15Page - Renesas Technology Corp UPC1933GR Datasheet HTML 16Page - Renesas Technology Corp UPC1933GR Datasheet HTML 17Page - Renesas Technology Corp UPC1933GR Datasheet HTML 18Page - Renesas Technology Corp UPC1933GR Datasheet HTML 19Page - Renesas Technology Corp UPC1933GR Datasheet HTML 20Page - Renesas Technology Corp UPC1933GR Datasheet HTML 21Page - Renesas Technology Corp UPC1933GR Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Data Sheet G13690EJ3V0DS00
18
µµµµ PC1933
6.
RECOMMENDED SOLDERING CONDITIONS
Recommended solder conditions for this product are described below.
For details on recommended soldering conditions, refer to Information Document “Semiconductor Device Mounting
Technology Manual” (C10535E).
For soldering methods and conditions other than those recommended, consult NEC.
Surface Mount Type
µµµµ PC1933GR: 8-pin plastic SOP (5.72 mm (225))
Soldering Method
Soldering Conditions
Symbol of Recommended
Conditions
Infrared reflow
Package peak temperature: 235 °C, Time: 30 seconds MAX. (210 °C MIN.),
Number of times: 3 MAX.
IR35-00-3
VPS
Package peak temperature: 215 °C, Time: 40 seconds MAX. (200 °C MIN.),
Number of times: 3 MAX.
VP15-00-3
Wave soldering
Soldering bath temperature: 260 °C MAX., Time: 10 seconds MAX.,
Number of times: 1,
Preheating temperature: 120 °C MAX. (package surface temperature)
WS60-00-1
Caution Do not use two or more soldering methods in combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com