Electronic Components Datasheet Search
  English  ▼

X  

UPC1933GR Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPC1933GR
Description  BiCMOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1933GR Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPC1933GR Datasheet HTML 14Page - Renesas Technology Corp UPC1933GR Datasheet HTML 15Page - Renesas Technology Corp UPC1933GR Datasheet HTML 16Page - Renesas Technology Corp UPC1933GR Datasheet HTML 17Page - Renesas Technology Corp UPC1933GR Datasheet HTML 18Page - Renesas Technology Corp UPC1933GR Datasheet HTML 19Page - Renesas Technology Corp UPC1933GR Datasheet HTML 20Page - Renesas Technology Corp UPC1933GR Datasheet HTML 21Page - Renesas Technology Corp UPC1933GR Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet G13690EJ3V0DS00
16
µµµµ PC1933
4.
APPLICATION EXAMPLE
4.1
Application Example
Figure 4-1 shows an example circuit for obtaining
+5 V/50 mA from a +3 V power supply.
Figure 4-1 Application Example
4.2
List of External Parts
The list below shows the external parts.
Table 4-1 List of External Parts
Symbol
Parameter
Function
Part number
Maker
Remark
C4
68
µ F
Output capacitor
20SA68M
SANYO
OS-CON, SA series
D1
Schottkey diode
D1FS4
SHINDENGEN
L1
47
µ H
Choke inductor
636FY-470M
TOKO
D73F series
Q3
Switching transistor
2SD2403
NEC
Q1
Buffer transistor
2SC1623
NEC
Q2
Buffer transistor
2SA812
NEC
Remarks 1.
The capacitors that are not specified in the above list are multilayer ceramic capacitors.
2.
The resistors that are not specified in the above list are 1/4W resistors.
C1
Q2
Q1
Q3
D1
4
123
5
876
OUT
RT
FB
II
GND
DLY VCC VREF
µ PC1933
3300
pF
C2
pF
100
C3 100 pF
L1
µ H
47
C4
µ F
68
CDLY
µ F
0.1
C0
µ F
0.1
C5
µ F
1
R10
20 k
Ω
R9 68
Ω
RT 3.9 k
Ω
R3
2.4 k
Ω
VR4
1 k
Ω
R7
20 k
Ω
R5 150
Ω
R2 47 k
Ω
R6 470
Ω
R8
7.5 k
Ω
R1
30 k
Ω
COM
VO = + 5 V
IO = 50 mA
COM
VIN = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com