Electronic Components Datasheet Search
  English  ▼

X  

UPC3221GV Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC3221GV
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3221GV Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC3221GV Datasheet HTML 4Page - Renesas Technology Corp UPC3221GV Datasheet HTML 5Page - Renesas Technology Corp UPC3221GV Datasheet HTML 6Page - Renesas Technology Corp UPC3221GV Datasheet HTML 7Page - Renesas Technology Corp UPC3221GV Datasheet HTML 8Page - Renesas Technology Corp UPC3221GV Datasheet HTML 9Page - Renesas Technology Corp UPC3221GV Datasheet HTML 10Page - Renesas Technology Corp UPC3221GV Datasheet HTML 11Page - Renesas Technology Corp UPC3221GV Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
STANDARD CHARACTERISTICS (TA = +25
°C, VCC = 5 V, ZS = 50 Ω)
Parameter
Symbol
Test Conditions
Reference Value
Unit
Noise Figure 2
NF2
Gain reduction =
−10 dBm
Note 2
6.0
dB
Noise Figure 3
NF3
Gain reduction =
−20 dBm
Note 2
9.5
dB
Output Voltage
Vout
Pin =
−56 to −16 dBm
Note 1
1.0
Vp-p
Input Impedance
Zin
VAGC = 0.5 V, f = 45 MHz
Note 3
0.9 k
− j1.4 k
Ω
Output Impedance
Zout
VAGC = 0.5 V, f = 45 MHz
Note 3
9.0 + j1.9
Ω
Input 3rd Order Distortion
Intercept Point
IIP3
VAGC = 0.5 V (@ Minimum gain),
f1 = 44 MHz, f2 = 45 MHz,
ZL = 250
Ω (@ single-ended output)
Note 1
+2.5
dBm
Notes 1. By measurement circuit 1
2. By measurement circuit 3
3. By measurement circuit 4
Data Sheet PU10171EJ03V0DS
6
µPC3221GV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com