Electronic Components Datasheet Search
  English  ▼

X  

UPC3221GV Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPC3221GV
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3221GV Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPC3221GV Datasheet HTML 8Page - Renesas Technology Corp UPC3221GV Datasheet HTML 9Page - Renesas Technology Corp UPC3221GV Datasheet HTML 10Page - Renesas Technology Corp UPC3221GV Datasheet HTML 11Page - Renesas Technology Corp UPC3221GV Datasheet HTML 12Page - Renesas Technology Corp UPC3221GV Datasheet HTML 13Page - Renesas Technology Corp UPC3221GV Datasheet HTML 14Page - Renesas Technology Corp UPC3221GV Datasheet HTML 15Page - Renesas Technology Corp UPC3221GV Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C , unless otherwise specified)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
50
40
30
20
10
0
Supply Voltage VCC (V)
01
23
4
5
6
No input signal
TA = –40˚C
TA = +25˚C
TA = +85˚C
AGC PIN CURRENT vs.
GAIN CONTROL VOLTAGE RANGE
100
80
60
40
20
0
Gain Control Voltage Range VAGC (V)
0
0.5
1.0
1.5
2.0
3.5
4.0
No input signal
TA = –40˚C
3.0
2.5
TA = +85˚C
TA = +25˚C
VOLTAGE GAIN vs.
GAIN CONTROL VOLTAGE RANGE
70
60
50
40
30
20
10
0
Gain Control Voltage Range VAGC (V)
VCC = 5.0 V
f = 45 MHz
TA = +85˚C
TA = +25˚C
0
0.5
1.0
1.5
2.0
3.5
3.0
2.5
TA = –40˚C
VOLTAGE GAIN vs.
GAIN CONTROL VOLTAGE RANGE
70
60
50
40
30
20
10
0
Gain Control Voltage Range VAGC (V)
0
0.5
1.0
1.5
2.0
3.5
f = 45 MHz
3.0
2.5
VCC = 5.5 V
VCC = 4.5 V
VCC = 5.0 V
AGC PIN CURRENT vs.
GAIN CONTROL VOLTAGE RANGE
100
80
60
40
20
0
Gain Control Voltage Range VAGC (V)
0
0.5
1.0
1.5
2.0
3.5
4.0
No input signal
VCC = 4.5 V
3.0
2.5
VCC = 5.5 V
VCC = 5.0 V
70
60
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
VOLTAGE GAIN vs. FREQUENCY
10
100
1 000
Frequency f (MHz)
VCC = 5.5 V
5.0 V
4.5 V
VAGC = 3.0 V (Pin = –60 dBm)
VAGC = 1.6 V (Pin = –60 dBm)
VAGC = 0.5 V (Pin = –30 dBm)
Remark The graphs indicate nominal characteristics.
Data Sheet PU10171EJ03V0DS
10
µPC3221GV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com