Electronic Components Datasheet Search
  English  ▼

X  

UPC3533 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC3533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3533 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC3533 Datasheet HTML 2Page - Renesas Technology Corp UPC3533 Datasheet HTML 3Page - Renesas Technology Corp UPC3533 Datasheet HTML 4Page - Renesas Technology Corp UPC3533 Datasheet HTML 5Page - Renesas Technology Corp UPC3533 Datasheet HTML 6Page - Renesas Technology Corp UPC3533 Datasheet HTML 7Page - Renesas Technology Corp UPC3533 Datasheet HTML 8Page - Renesas Technology Corp UPC3533 Datasheet HTML 9Page - Renesas Technology Corp UPC3533 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet G15965EJ2V0DS
4
µµµµPC3533, 3504
ELECTRICAL CHARACTERISTICS
µµµµPC3533 (TJ = 25°°°°C, VIN = 5.8 V, IO = 0.5 A, CIN = 0.33 µµµµF, COUT = 0.1 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO1
3.168
3.3
3.432
V
VO2
5.8 V
≤ VIN ≤ 20 V, 5 mA ≤ IO ≤ 1 A
3.135
3.465
V
Line Regulation
REGIN1
5.8 V
≤ VIN ≤ 20 V
20
50
mV
REGIN2
5.8 V
≤ VIN ≤ 9 V
10
30
mV
Load Regulation
REGL1
5 mA
≤ IO ≤ 1 A
20
50
mV
REGL2
250 mA
≤ IO ≤ 750 mA
10
20
mV
Quiescent Current
IBIAS
2.8
6
mA
Quiescent Current Change
∆IBIAS1
5.8 V
≤ VIN ≤ 20 V
1.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
55
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 5.8 V
≤ VIN ≤ 9 V
57
dB
Dropout Voltage
VDIF
IO = 1 A
2.0
2.5
V
Short Circuit Current
IOshort1
VIN = 5.8 V
1.8
A
Peak Output Current
IOpeak
VIN = 10 V
1.0
2.1
2.8
A
Temperature Coefficient of
∆VO/ ∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
− 0.4
mV/
°C
Output Voltage
µµµµPC3504 (TJ = 25°°°°C, VIN = 6.5 V, IO = 0.5 A, CIN = 0.33 µµµµF, COUT = 0.1 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO1
3.84
4.0
4.16
V
VO2
6.5 V
≤ VIN ≤ 20 V, 5 mA ≤ IO ≤ 1 A
3.80
4.20
V
Line Regulation
REGIN1
6.5 V
≤ VIN ≤ 20 V
20
50
mV
REGIN2
6.5 V
≤ VIN ≤ 10 V
10
30
mV
Load Regulation
REGL1
5 mA
≤ IO ≤ 1 A
20
50
mV
REGL2
250 mA
≤ IO ≤ 750 mA
10
20
mV
Quiescent Current
IBIAS
2.8
6
mA
Quiescent Current Change
∆IBIAS1
6.5 V
≤ VIN ≤ 20 V
1.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
55
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 6.5 V
≤ VIN ≤ 10 V
60
dB
Dropout Voltage
VDIF
IO = 1 A
2.0
2.5
V
Short Circuit Current
IOshort1
VIN = 6.5 V
1.8
A
Peak Output Current
IOpeak
VIN = 10 V
1.1
2.1
2.8
A
Temperature Coefficient of
∆VO/ ∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
− 0.4
mV/
°C
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com