Electronic Components Datasheet Search
  English  ▼

X  

UPC3533 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC3533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3533 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC3533 Datasheet HTML 3Page - Renesas Technology Corp UPC3533 Datasheet HTML 4Page - Renesas Technology Corp UPC3533 Datasheet HTML 5Page - Renesas Technology Corp UPC3533 Datasheet HTML 6Page - Renesas Technology Corp UPC3533 Datasheet HTML 7Page - Renesas Technology Corp UPC3533 Datasheet HTML 8Page - Renesas Technology Corp UPC3533 Datasheet HTML 9Page - Renesas Technology Corp UPC3533 Datasheet HTML 10Page - Renesas Technology Corp UPC3533 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet G15965EJ2V0DS
5
µµµµPC3533, 3504
TYPICAL CHARACTERISTICS (Reference Values)
20
5
10
15
1.92
0
050
25
100
125
75
150
TA - Operating Ambient Temperature -
°C
85
°C
PD vs. TA
Without heatsink
With
10°C
/W heatsink
4.0
3.0
2.0
1.0
0
4
3
2
16
58
710
9
0
VO vs. VIN ( PC3533)
VIN - Input Voltage - V
µ
IO = 0.5 A
IO = 1.0 A
IO = 5 mA
TJ = 25
°C
0
1.0
2.0
3.0
4.0
5.0
4
3
2
16
58
710
9
0
VO vs. VIN ( PC3504)
VIN - Input Voltage - V
µ
IO = 0.5 A
IO = 1.0 A
IO = 5 mA
TJ = 25
°C
0
1.0
2.0
3.0
0.5
1.5
2.5
4
3
2
16
58
710
9
0
IBIAS vs. VIN ( PC3533)
VIN - Input Voltage - V
µ
IO = 0.5 A
IO = 1.0 A
TJ = 25
°C
IO = 5 mA
0
1.0
0.5
1.5
2.0
2.5
3.0
4
3
2
16
58
710
9
0
IO = 0.5 A
IO = 5 mA
TJ = 25
°C
IO = 1.0 A
IBIAS vs. VIN ( PC3504)
VIN - Input Voltage - V
µ
50
25
−25
0
−50
0
100
50
150
−50
PC3504
µ
PC3533
µ
IO = 5 mA
∆VO vs. TJ
TJ - Operating Junction Temperature -
°C
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com