Electronic Components Datasheet Search
  English  ▼

X  

UPC3533 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC3533
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3533 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC3533 Datasheet HTML 4Page - Renesas Technology Corp UPC3533 Datasheet HTML 5Page - Renesas Technology Corp UPC3533 Datasheet HTML 6Page - Renesas Technology Corp UPC3533 Datasheet HTML 7Page - Renesas Technology Corp UPC3533 Datasheet HTML 8Page - Renesas Technology Corp UPC3533 Datasheet HTML 9Page - Renesas Technology Corp UPC3533 Datasheet HTML 10Page - Renesas Technology Corp UPC3533 Datasheet HTML 11Page - Renesas Technology Corp UPC3533 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet G15965EJ2V0DS
6
µµµµPC3533, 3504
100
80
0
100
1000
10000
100000
10
60
40
20
90
10
70
50
30
PC3533
µ
IO = 0.5 A
PC3504
µ
R
.R vs. f
f - Frequency - Hz
2.5
0
510
15
25
2
1.5
1
0.5
0
20
TJ = 25
°C
IOpeak vs. VDIF ( PC3504)
VDIF - Dropout Voltage - V
µ
2.5
0
510
15
25
2
1.5
1
0.5
0
20
TJ = 25
°C
IOpeak vs. VDIF ( PC3533)
VDIF - Dropout Voltage - V
µ
80
70
60
50
40
30
−0.2
1
0
1.2
0.6
0.8
0.4
0.2
PC3533
PC3504
µ
µ
TJ = 25
°C, f = 120 Hz
PC3504: 6.5 V
≤ VIN ≤ 10 V
µ
PC3533: 5.8 V
≤ VIN ≤ 9 V
µ
R
.R vs. I
O
IO - Output Current - A
2.5
2
1.5
1
0.5
0
1
0
1.2
0.6
0.8
0.4
0.2
TJ = 25
°C
VDIF vs. IO
IO - Output Current - A
2.5
2
1.5
1
0.5
0
−50
−25
100
125
50
75
25
0
IO = 0.5 A
IO = 1.0 A
IO = 0.1 A
VDIF vs. TJ ( PC3533)
TJ - Operating Junction Temperature -
°C
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com