Electronic Components Datasheet Search
  English  ▼

X  

OPA131 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA131
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA131 Datasheet(HTML) 4 Page - Texas Instruments

  OPA131 Datasheet HTML 1Page - Texas Instruments OPA131 Datasheet HTML 2Page - Texas Instruments OPA131 Datasheet HTML 3Page - Texas Instruments OPA131 Datasheet HTML 4Page - Texas Instruments OPA131 Datasheet HTML 5Page - Texas Instruments OPA131 Datasheet HTML 6Page - Texas Instruments OPA131 Datasheet HTML 7Page - Texas Instruments OPA131 Datasheet HTML 8Page - Texas Instruments OPA131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OPA131, 2131, 4131
4
SBOS040A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
POWER SUPPLY AND COMMON-MODE REJECTION
vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
CMR
+PSR
–PSR
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
160
140
120
100
80
10
100
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinations yield improved
rejection.
R
L = ∞
R
L = 2kΩ
OPEN-LOOP GAIN/PHASE vs FREQUENCY
1
120
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
∅
G
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
Ambient Temperature (
°C)
10k
1k
100
10
1
0.1
0.01
–75
–50
–25
0
25
50
75
100
125
I
B
I
OS
V
CM = 0V
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
1k
100
10
1
–15
–10
–50
5
10
15
Input bias current is a
function of the voltage
between the V– supply
and the inputs.
V
S = ±15V
V
S = ±5V
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
1
1k
100
10
Frequency (Hz)
10
100
1k
10k
100k
1M
1
1k
100
10
1
Voltage Noise
Current Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com