Electronic Components Datasheet Search
  English  ▼

X  

OPA131 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA131
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA131 Datasheet(HTML) 2 Page - Texas Instruments

  OPA131 Datasheet HTML 1Page - Texas Instruments OPA131 Datasheet HTML 2Page - Texas Instruments OPA131 Datasheet HTML 3Page - Texas Instruments OPA131 Datasheet HTML 4Page - Texas Instruments OPA131 Datasheet HTML 5Page - Texas Instruments OPA131 Datasheet HTML 6Page - Texas Instruments OPA131 Datasheet HTML 7Page - Texas Instruments OPA131 Datasheet HTML 8Page - Texas Instruments OPA131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
OPA131, 2131, 4131
2
SBOS040A
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
Single
OPA131
SO-8
D
–40
°C to +85°C
OPA131UJ
OPA131UJ
Rails, 100
"
"
"
"
"
OPA131UJ/2K5
Tape and Reel, 2500
OPA131
SO-8
D
–40
°C to +85°C
OPA131UA
OPA131UA
Rails, 100
"
"
"
"
"
OPA131UA/2K5
Tape and Reel, 2500
OPA131
SO-8
D
–40
°C to +85°C
OPA131U
OPA131U
Rails, 100
"
"
"
"
"
OPA131U/2K5
Tape and Reel, 2500
Dual
OPA2131
SO-8
D
–40
°C to +85°C
OPA2131UJ
OPA2131UJ
Rails, 100
"
"
"
"
"
OPA2131UJ/2K5
Tape and Reel, 2500
OPA2131
SO-8
D
–40
°C to +85°C
OPA2131UA
OPA2131UA
Rails, 100
"
"
"
"
"
OPA2131UA/2K5
Tape and Reel, 2500
Quad
OPA4131
DIP-14
N
–40
°C to +85°C
OPA4131PJ
OPA4131PJ
Rails, 25
"
"
"
"
OPA4131PA
OPA4131PA
Rails, 25
OPA4131
SOL-16
DW
–40
°C to +85°C
OPA4131UA
OPA4131UA
Rails, 48
"
"
"
"
"
OPA4131UA/1K
Tape and Reel, 1000
OPA4131
SOL-14
D
–40
°C to +85°C
OPA4131NJ
OPA4131NJ
Rails, 58
"
"
"
"
OPA4131NA
OPA4131NA
Rails, 58
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage .................................................. (V–) – 0.7V to (V+) + 0.7V
Output Short-Circuit(2) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Short-circuit to ground, one amplifier per package.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com