Electronic Components Datasheet Search
  English  ▼

X  

OPA131 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA131
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA131 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA131 Datasheet HTML 3Page - Texas Instruments OPA131 Datasheet HTML 4Page - Texas Instruments OPA131 Datasheet HTML 5Page - Texas Instruments OPA131 Datasheet HTML 6Page - Texas Instruments OPA131 Datasheet HTML 7Page - Texas Instruments OPA131 Datasheet HTML 8Page - Texas Instruments OPA131 Datasheet HTML 9Page - Texas Instruments OPA131 Datasheet HTML 10Page - Texas Instruments OPA131 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
OPA131, 2131, 4131
7
SBOS040A
www.ti.com
APPLICATIONS INFORMATION
The OPA131 series op amps are unity-gain stable and
suitable for a wide range of general-purpose applications.
Power-supply pins should be bypassed with 10nF ceramic
capacitors or larger.
The OPA131 series op amps are free from unexpected
output phase-reversal common with FET op amps. Many
FET-input op amps exhibit phase-reversal of the output when
the input common-mode voltage range is exceeded. This can
occur in voltage-follower circuits, causing serious problems
in control-loop applications. All circuitry is completely inde-
pendent in dual and quad versions, assuring normal behavior
when one amplifier in a package is overdriven or short-
circuited.
OFFSET VOLTAGE TRIM
The OPA131 (single op amp version) provides offset volt-
age trim connections on pins 1 and 5. Offset voltage can be
adjusted by connecting a potentiometer as shown in Figure
1. This adjustment should be used only to null the offset of
the op amp, not system offset or offset produced by the
signal source.
V+
V–
100k
Ω
OPA131
(Single op amp only)
Trim Range:
±20mV typ
OPA131
6
7
5
4
3
2
1
FIGURE 1. OPA131 Offset Voltage Trim Circuit.
INPUT BIAS CURRENT
The input bias current is approximately 5pA at room tem-
perature and increases with temperature as shown in the
typical characteristic “Input Bias Current vs Temperature.”
Input bias current also varies with common-mode voltage
and power supply voltage. This variation is dependent on the
voltage between the negative power supply and the com-
mon-mode input voltage. The effect is shown in the typical
curve “Input Bias Current vs Common-Mode Voltage.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com