Electronic Components Datasheet Search
  English  ▼

X  

LM2694 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2694
Description  30V, 600 mA Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2694 Datasheet HTML 6Page - National Semiconductor (TI) LM2694 Datasheet HTML 7Page - National Semiconductor (TI) LM2694 Datasheet HTML 8Page - National Semiconductor (TI) LM2694 Datasheet HTML 9Page - National Semiconductor (TI) LM2694 Datasheet HTML 10Page - National Semiconductor (TI) LM2694 Datasheet HTML 11Page - National Semiconductor (TI) LM2694 Datasheet HTML 12Page - National Semiconductor (TI) LM2694 Datasheet HTML 13Page - National Semiconductor (TI) LM2694 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Functional Description
The LM2694 Step Down Switching Regulator features all the
functions needed to implement a low cost, efficient buck bias
power converter capable of supplying at least 0.6A to the
load. This high voltage regulator contains a 30V N-Channel
buck switch, is easy to implement, and is available in the
TSSOP-14 and the thermally enhanced LLP-10 packages.
The regulator’s operation is based on a constant on-time
control scheme, where the on-time is determined by V
IN.
This feature allows the operating frequency to remain rela-
tively constant with load and input voltage variations. The
feedback control requires no loop compensation resulting in
very fast load transient response. The valley current limit
detection circuit, internally set at 0.62A, holds the buck
switch off until the high current level subsides. This scheme
protects against excessively high currents if the output is
short-circuited when V
IN is high. The functional block dia-
gram is shown in Figure 7.
The LM2694 can be applied in numerous applications to
efficiently regulate down higher voltages. Additional features
include: Thermal shutdown, V
CC under-voltage lockout, gate
drive under-voltage lockout, and maximum duty cycle limiter.
Control Circuit Overview
The LM2694 buck DC-DC regulator employs a control
scheme based on a comparator and a one-shot on-timer,
with the output voltage feedback (FB) compared to an inter-
nal reference (2.5V). If the FB voltage is below the reference
the buck switch is turned on for a time period determined by
the input voltage and a programming resistor (R
ON). Follow-
ing the on-time the switch remains off for a minimum of 265
ns, and until the FB voltage falls below the reference. The
buck switch then turns on for another on-time period. Typi-
cally, during start-up, or when the load current increases
suddenly, the off-times are at the minimum of 265 ns. Once
regulation is established, the off-times are longer.
When in regulation, the LM2694 operates in continuous
conduction mode at heavy load currents and discontinuous
conduction mode at light load currents. In continuous con-
duction mode current always flows through the inductor,
never reaching zero during the off-time. In this mode the
operating frequency remains relatively constant with load
and line variations. The minimum load current for continuous
conduction mode is one-half the inductor’s ripple current
amplitude. The operating frequency is approximately:
(1)
The buck switch duty cycle is equal to:
(2)
In discontinuous conduction mode current through the induc-
tor ramps up from zero to a peak during the on-time, then
ramps back to zero before the end of the off-time. The next
on-time period starts when the voltage at FB falls below the
reference - until then the inductor current remains zero, and
the load current is supplied by the output capacitor (C2). In
this mode the operating frequency is lower than in continu-
ous conduction mode, and varies with load current. Conver-
sion efficiency is maintained at light loads since the switch-
ing losses reduce with the reduction in load and frequency.
The approximate discontinuous operating frequency can be
calculated as follows:
(3)
where R
L = the load resistance.
The output voltage is set by two external resistors (R1, R2).
The regulated output voltage is calculated as follows:
V
OUT =2.5x(R1+R2)/R2
Output voltage regulation is based on ripple voltage at the
feedback input, requiring a minimum amount of ESR for the
output capacitor C2. The LM2694 requires a minimum of 25
mV of ripple voltage at the FB pin. In cases where the
capacitor’s ESR is insufficient additional series resistance
may be required (R3 in Figure 7).
Start-Up Regulator, V
CC
The start-up regulator is integral to the LM2694. The input
pin (VIN) can be connected directly to line voltage up to 30V,
with transient capability to 33V. The V
CC output regulates at
7.0V, and is current limited at 9 mA. Upon power up, the
regulator sources current into the external capacitor at VCC
(C3). When the voltage on the VCC pin reaches the under-
voltage lockout threshold of 5.7V, the buck switch is enabled
and the Softstart pin is released to allow the Softstart capaci-
tor (C6) to charge up.
The minimum input voltage is determined by the regulator’s
dropout voltage, the V
CC UVLO falling threshold (
)5.5V),
and the frequency. When V
CC falls below the falling thresh-
old the V
CC UVLO activates to shut off the output. If VCC is
externally loaded, the minimum input voltage increases.
To reduce power dissipation in the start-up regulator, an
auxiliary voltage can be diode connected to the V
CC pin.
Setting the auxiliary voltage to between 8V and 14V shuts off
the internal regulator, reducing internal power dissipation.
The sum of the auxiliary voltage and the input voltage (V
CC
+V
IN) cannot exceed 47V. Internally, a diode connects VCC
to VIN. See Figure 9.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com