Electronic Components Datasheet Search
  English  ▼

X  

LM2694 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2694
Description  30V, 600 mA Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2694 Datasheet HTML 11Page - National Semiconductor (TI) LM2694 Datasheet HTML 12Page - National Semiconductor (TI) LM2694 Datasheet HTML 13Page - National Semiconductor (TI) LM2694 Datasheet HTML 14Page - National Semiconductor (TI) LM2694 Datasheet HTML 15Page - National Semiconductor (TI) LM2694 Datasheet HTML 16Page - National Semiconductor (TI) LM2694 Datasheet HTML 17Page - National Semiconductor (TI) LM2694 Datasheet HTML 18Page - National Semiconductor (TI) LM2694 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Applications Information (Continued)
In Figure 17, Cff is added across R1 to AC-couple the ripple
at V
OUT directly to the FB pin. This allows the ripple at VOUT
to be reduced, in some cases considerably, by reducing R3.
In the circuit of Figure 13, the ripple at V
OUT ranged from 50
mVp-p at V
IN = 8V to 100 mVp-p at VIN = 30V. By adding a
2700 pF capacitor at Cff and reducing R3 to 0.75
Ω, the V
OUT
ripple is reduced by 50%.
To reduce V
OUT ripple further, the circuit of Figure 18 can be
used. R3 has been removed, and the output ripple amplitude
is determined by C2’s ESR and the inductor ripple current.
RA and CA are chosen to generate a 40-50 mVp-p sawtooth
at their junction, and that voltage is AC-coupled to the FB pin
via CB. In selecting RA and CA, V
OUT is considered a virtual
ground as the SW pin switches between V
IN and -1V. Since
the on-time at SW varies inversely with V
IN, the waveform
amplitude at the RA/CA junction is relatively constant. Typi-
cal values for the additional components are RA = 110k, CA
= 2700 pF, and CB = 0.01 µF.
PC BOARD LAYOUT and THERMAL CONSIDERATIONS
The LM2694 regulation, over-voltage, and current limit com-
parators are very fast, and will respond to short duration
noise pulses. Layout considerations are therefore critical for
optimum performance. The layout must be as neat and
compact as possible, and all the components must be as
close as possible to their associated pins. The two major
current loops have currents which switch very fast, and so
the loops should be as small as possible to minimize con-
ducted and radiated EMI. The first loop is that formed by C1,
through the VIN to SW pins, L1, C2, and back to C1. The
second loop is that formed by D1, L1, C2, and the SGND and
ISEN pins. The ground connection from C2 to C1 should be
as short and direct as possible, preferably without going
through vias. Directly connect the SGND and RTN pin to
each other, and they should be connected as directly as
possible to the C1/C2 ground line without going through vias.
The power dissipation within the IC can be approximated by
determining the total conversion loss (P
IN -POUT), and then
subtracting the power losses in the free-wheeling diode and
the inductor. The power loss in the diode is approximately:
P
D1 =IO xVF x (1-D)
where Io is the load current, V
F is the diode’s forward voltage
drop, and D is the duty cycle. The power loss in the inductor
is approximately:
P
L1 =IO
2 xR
L x 1.1
where R
L is the inductor’s DC resistance, and the 1.1 factor
is an approximation for the AC losses. If it is expected that
the internal dissipation of the LM2694 will produce high
junction temperatures during normal operation, good use of
the PC board’s ground plane can help considerably to dissi-
pate heat. The exposed pad on the LLP package bottom
should be soldered to a ground plane, and that plane should
both extend from beneath the IC, and be connected to
exposed ground plane on the board’s other side using as
many vias as possible. The exposed pad is internally con-
nected to the IC substrate. The use of wide PC board traces
at the pins, where possible, can help conduct heat away
from the IC. The four No Connect pins on the TSSOP
package are not electrically connected to any part of the IC,
and may be connected to ground plane to help dissipate
heat from the package. Judicious positioning of the PC
board within the end product, along with the use of any
available air flow (forced or natural convection) can help
reduce the junction temperature.
20187036
FIGURE 18. Minimum Output Ripple Using Ripple
Injection
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com