Electronic Components Datasheet Search
  English  ▼

X  

LM2694 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2694
Description  30V, 600 mA Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2694 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2694 Datasheet HTML 8Page - National Semiconductor (TI) LM2694 Datasheet HTML 9Page - National Semiconductor (TI) LM2694 Datasheet HTML 10Page - National Semiconductor (TI) LM2694 Datasheet HTML 11Page - National Semiconductor (TI) LM2694 Datasheet HTML 12Page - National Semiconductor (TI) LM2694 Datasheet HTML 13Page - National Semiconductor (TI) LM2694 Datasheet HTML 14Page - National Semiconductor (TI) LM2694 Datasheet HTML 15Page - National Semiconductor (TI) LM2694 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Current Limit
Current limit detection occurs during the off-time by monitor-
ing the recirculating current through the free-wheeling diode
(D1). Referring to Figure 7, when the buck switch is turned
off the inductor current flows through the load, into SGND,
through the sense resistor, out of ISEN and through D1. If
that current exceeds 0.62A the current limit comparator out-
put switches to delay the start of the next on-time period if
the voltage at FB is below 2.5V. The next on-time starts
when the current out of ISEN is below 0.62A and the voltage
at FB is below 2.5V. If the overload condition persists caus-
ing the inductor current to exceed 0.62A during each on-
time, that is detected at the beginning of each off-time. The
operating frequency is lower due to longer-than-normal off-
times.
Figure 11 illustrates the inductor current waveform. During
normal operation the load current is Io, the average of the
ripple waveform. When the load resistance decreases the
current ratchets up until the lower peak reaches 0.62A.
During the Current Limited portion of Figure 11, the current
ramps down to 0.62A during each off-time, initiating the next
on-time (assuming the voltage at FB is <2.5V). During each
on-time the current ramps up an amount equal to:
∆I=(V
IN -VOUT)xtON /L1
During this time the LM2694 is in a constant current mode,
with an average load current (I
OCL) equal to 0.62A +
∆I/2.
N - Channel Buck Switch and
Driver
The LM2694 integrates an N-Channel buck switch and as-
sociated floating high voltage gate driver. The peak current
allowed through the buck switch is 1.5A, and the maximum
allowed average current is 1A. The gate driver circuit works
in conjunction with an external bootstrap capacitor and an
internal high voltage diode. A 0.022 µF capacitor (C4) con-
nected between BST and SW provides the voltage to the
driver during the on-time. During each off-time, the SW pin is
at approximately -1V, and C4 charges from V
CC through the
internal diode. The minimum off-time of 265 ns ensures a
minimum time each cycle to recharge the bootstrap capaci-
tor.
Softstart
The softstart feature allows the converter to gradually reach
a steady state operating point, thereby reducing start-up
stresses and current surges. Upon turn-on, after V
CC
reaches the under-voltage threshold, an internal 12 µA cur-
rent source charges up the external capacitor at the SS pin
to 2.5V. The ramping voltage at SS (and the non-inverting
input of the regulation comparator) ramps up the output
voltage in a controlled manner.
An internal switch grounds the SS pin if V
CC is below the
under-voltage lockout threshold, if a thermal shutdown oc-
curs, or if the RON/SD pin is grounded.
Thermal Shutdown
The LM2694 should be operated so the junction temperature
does not exceed 125˚C. If the junction temperature in-
creases, an internal Thermal Shutdown circuit, which acti-
vates (typically) at 175˚C, takes the controller to a low power
reset state by disabling the buck switch and the on-timer,
and grounding the Softstart pin. This feature helps prevent
catastrophic failures from accidental device overheating.
When the junction temperature reduces below 155˚C (typical
hysteresis = 20˚C), the Softstart pin is released and normal
operation resumes.
Applications Information
EXTERNAL COMPONENTS
The procedure for calculating the external components is
illustrated with a design example. Referring to the Block
Diagram, the circuit is to be configured for the following
specifications:
•
V
OUT =5V
•
V
IN =8Vto30V
20187020
FIGURE 11. Inductor Current - Current Limit Operation
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com