Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 287 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 287 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 283Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 284Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 285Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 286Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 287Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 288Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 289Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 290Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 291Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 555 page
background image
Revision 0.8
287
www.national.com
USB Register Descriptions (Continued)
5.5.4.17
Host Controller Periodic Start (USBC_HcPeriodicStart)
5.5.4.18
Host Controller Low Speed Threshold (USBC_HcLSThreshold)
5.5.4.19
Host Controller Root Hub Descriptor A (USBC_HcRhDescriptorA)
This register is only reset by a power-on reset (PCIRST#). It is written during system initialization to configure the Root Hub.
These bit should not be written during normal operation.
USB Memory Offset
40h
Type
HCD:
HC:
R/W
RO
Reset Value
00000000h
USBC_HcPeriodicStart Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
PeriodicStart
USBC_HcPeriodicStart Bit Descriptions
Bit
Name
HCD
HC
Description
31:14
RSVD
R/W
RO
Reserved. Read/write 0s.
13:0
PeriodicStart
R/W
RO
Periodic Start. This field contains a value used by the List Pro-
cessor to determine where in a frame the Periodic List process-
ing must begin.
USB Memory Offset
44h
Type
HCD:
HC:
R/W
RO
Reset Value
00000628h
USBC_HcLSThreshold Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
LSThreshold
USBC_HcLSThreshold Bit Descriptions
Bit
Name
HCD
HC
Description
30:12
RSVD
R/W
RO
Reserved. Read/write 0s.
11:0
LSThreshold
R/W
RO
LS Threshold. This field contains a value used by the Frame
Management block to determine whether or not a low speed
transaction can be started in the current frame.
USB Memory Offset
48h
Type
HCD:
HC:
R/W
RO
Reset Value
01000002h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com