Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 289 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 289 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 285Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 286Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 287Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 288Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 289Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 290Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 291Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 292Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 293Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 555 page
background image
Revision 0.8
289
www.national.com
USB Register Descriptions (Continued)
5.5.4.20
Host Controller Root Hub Descriptor B (USBC_HcRhDescriptorB)
This register is only reset by a power-on reset (PCIRST#). It is written during system initialization to configure the Root Hub.
These bit should not be written during normal operation.
5.5.4.21
Host Controller Root Hub Status (USBC_HcRhStatus)
This register is reset by the UsbReset state.
Note: Read back are 0s.
USB Memory Offset
4Ch
Type
HCD:
HC:
R/W
RO
Reset Value
00000000h
USBC_HcRhDescriptorB Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
PortPowerControlMask
DeviceRemoveable
USBC_HcRhDescriptorB Bit Descriptions
Bit
Name
HCD
HC
Description
31:16
PortPower
ControlMask
R/W
RO
Port Power Control Mask. Global-power switching. This field is
only valid if NoPowerSwitching is cleared and PowerSwitching-
Mode is set (individual port switching). When set, the port only
responds to individual port power switching commands
(Set/ClearPortPower). When cleared, the port only responds to
global power switching commands (Set/ClearGlobalPower).
0: Device not removable.
1: Global-power mask.
Port Bit relationship - Unimplemented ports are reserved,
read/write 0.
0: Reserved
1: Port 1
2: Port 2
...
15: Port 15
15:0
Device
Removeable
R/W
RO
Device Removeable. USB ports default to removable devices.
0: Device not removable.
1: Device removable.
Port Bit relationship - Unimplemented ports are reserved,
read/write 0.
0: Reserved
1: Port 1
2: Port 2
...
15: Port 15
USB Memory Offset
50h
Type
HCD:
HC:
R/W
R/W
Reset Value
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com