Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 288 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 288 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 284Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 285Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 286Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 287Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 288Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 289Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 290Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 291Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 292Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 555 page
background image
www.national.com
288
Revision 0.8
USB Register Descriptions (Continued)
USBC_HcRhDescriptorA Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
PowerOnToPowerGoodTime
RSVD
NumberDownstreamPorts
USBC_HcRhDescriptorA Bit Descriptions
Bit
Name
HCD
HC
Description
31:24
PowerOnTo
PowerGoodTime
R/W
RO
PowerOn To PowerGood Time. This field value is represented
as the number of 2 ms intervals, ensuring that the power switch-
ing is effective within 2 ms. Only bits [25:24] are implemented as
R/W. The remaining bits are read only as 0. It is not expected that
these bits be written to anything other than 1h, but limited adjust-
ment is provided. This field should be written to support system
implementation. This field should always be written to a non-zero
value.
23:13
RSVD
R/W
RO
Reserved. Read/write 0s.
12
NoOverCurrent
Protection
R/W
RO
No Over-Current Protection. This bit should be written to sup-
port the external system port over-current implementation.
0: Over-current status is reported.
1: Over-current status is not reported.
11
OverCurrent
ProtectionMode
R/W
RO
Over Current Protection Mode. This bit should be written 0 and
is only valid when NoOverCurrentProtection is cleared.
0: Global Over-Current.
1: Individual Over-Current
10
DeviceType
RO
RO
Device Type (Read Only). USB is not a compound device,
therefore this field will return 0.
9NoPower
Switching
R/W
RO
No Power Switching. This bit should be written to support the
external system port power switching implementation.
0: Ports are power switched.
1: Ports are always powered on.
8
PowerSwitching
Mode
R/W
RO
Power Switching Mode. This bit is only valid when NoPower-
Switching is cleared. This bit should be written 0.
0: Global Switching.
1: Individual Switching
7:0
NumberDown-
streamPorts
RO
RO
Number Downstream Ports (Read Only). USB supports two
downstream ports, therefore this field will return 02h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com