Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 291 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 291 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 287Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 288Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 289Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 290Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 291Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 292Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 293Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 294Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 295Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 555 page
background image
Revision 0.8
291
www.national.com
USB Register Descriptions (Continued)
USBC_HcRhPortStatus[1] Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
RSVD
RSVD
USBC_HcRhPortStatus[1] Bit Descriptions
Bit
Name
HCD
HC
Description
31:21
RSVD
R/W
R/W
Reserved. Read/write 0s.
20
PortReset
StatusChange
R/W
R/W
Port Reset Status Change. This bit indicates that the port reset
signal has completed.
0: Port reset is not complete.
1: Port reset is complete.
19
PortOverCurrent
IndicatorChange
R/W
R/W
Port Over Current Indicator Change. This bit is set when Over-
CurrentIndicator changes. Writing a 1 clears this bit. Writing a 0
has no effect.
18
PortSuspend
StatusChange
R/W
R/W
Port Suspend Status Change. This bit indicates the completion
of the selective resume sequence for the port.
0: Port is not resumed.
1: Port resume is complete.
17
PortEnable
StatusChange
R/W
R/W
Port Enable Status Change. This bit indicates that the port has
been disabled due to a hardware event (cleared PortEnableSta-
tus).
0: Port has not been disabled.
1: PortEnableStatus has been cleared.
16
ConnectStatus
Change
R/W
R/W
Connect Status Change. This bit indicates a connect or discon-
nect event has been detected. Writing a 1 clears this bit. Writing
a 0 has no effect.
0: No connect/disconnect event.
1: Hardware detection of connect/disconnect event.
If DeviceRemoveable is set, this bit resets to 1.
15:10
RSVD
R/W
R/W
Reserved. Read/write 0s.
9
Dual Function
R/W
R/W
Read: Low Speed Device Attached. This bit defines the speed
of the attached device. It is only valid when CurrentConnectSta-
tus is set.
0: Full Speed device.
1: Low Speed device.
Write: Clear Port Power. Writing a 1 clears PortPowerStatus.
Writing a 0 has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com