Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 295 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 295 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 291Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 292Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 293Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 294Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 295Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 296Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 297Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 298Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 299Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 555 page
background image
Revision 0.8
295
www.national.com
5.6
DIVERSE INTEGRATION LOGIC REGISTER DESCRIPTIONS
All registers associated with Diverse Integration Logic
(DIVIL) are MSRs:
• Standard GeodeLink Device MSRs
• DIVIL Specific MSRs
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
All MSRs are 64 bits, however, some DIVIL MSRs are
called out as 32 bits. The DIVIL (MDD) treats writes to the
upper 32 bits (i.e., bits [63:32]) of the 32-bit MSRs as don’t
cares and always returns 0 on these bits.
The Standard GeodeLink Device MSRs are summarized in
Table 5-17 and the DIVIL Specific MSRs are summarized
in Table 5-18. The reference column in the tables point to
the page where the register maps and bit descriptions are
listed. Some notations in the reference column also point to
other chapters. These MSRs are physically located in the
DIVIL, but the descriptions are documented with the asso-
ciated module and are listed here only for completeness.
Table 5-17. Standard GeodeLink Device MSRs Summary
MSR
Address
Type
Register Name
Reset Value
Reference
51400000h
RO
GeodeLink Device Capabilities MSR
(DIVIL_GLD_MSR_CAP)
00000000_002DF0xxh
Page 299
51400001h
R/W
GeodeLink Device Master Configuration MSR
(DIVIL_GLD_MSR_CONFIG)
00000000_0000F000h
Page 300
51400002h
R/W
GeodeLink Device SMI MSR
(DIVIL_GLD_MSR_SMI)
00000000_00000000h
Page 300
51400003h
R/W
GeodeLink Device Error MSR
(DIVIL_GLD_MSR_ERROR)
00000000_00000000h
Page 303
51400004h
R/W
GeodeLink Device Power Management MSR
(DIVIL_GLD_MSR_PM)
00000000_00000000h
Page 306
51400005h
R/W
GeodeLink Device Diagnostic MSR
(DIVIL_GLD_MSR_DIAG)
00000000_00000000h
Page 307
51400006h-
51400007h
R/W
DD Reserved MSRs (DD_MSR_RSVD) (Reads
return 1; writes have no effect.)
FFFFFFFF_FFFFFFFFh
---
Table 5-18. DIVIL Specific MSRs Summary
MSR
Address
Type
Register Name
Reset Value
Reference
51400008h
R/W
Local BAR - IRQ Mapper (DIVIL_LBAR_IRQ)
I/O Space - Use of this LBAR is optional. IRQ
Mapper is always accessible via MSR space.
00000000_00000000h
Page 307
51400009h
R/W
Local BAR - KEL from USB Host Controller 1
(DIVIL_LBAR_KEL1)
Memory Space - First of two ways to access KEL.
KEL operation is not dependent on KEL1 or KEL2
access.
00000000_00000000h
Page 308
5140000Ah
R/W
Local BAR - KEL from USB Host Controller 2
(DIVIL_LBAR_KEL2)
Memory Space - Second of two ways to access
KEL. KEL operation is not dependent on KEL1 or
KEL2 access.
00000000_00000000h
Page 308
5140000Bh
R/W
Local BAR - SMB (DIVIL_LBAR_SMB)
I/O Space - Local Base Address Register for SMB
Controller native registers.
00000000_00000000h
Page 309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com