Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 297 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 297 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 293Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 294Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 295Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 296Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 297Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 298Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 299Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 300Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 301Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 555 page
background image
Revision 0.8
297
www.national.com
DIVIL Register Descriptions (Continued)
5140001Bh
R/W
NAND Flash Data Timing MSR (NANDF_DATA)
07770777h
Page 505
(Flash spec)
5140001Ch
R/W
NAND Flash Control Timing (NANDF_CTL)
00000777h
Page 506
(Flash spec)
5140001Dh
R/W
Flash Reserved (NANDF_RSVD)
00000000h
Page 507
(Flash spec)
5140001Eh
R/W
Access Control DMA Request (DIVIL_AC_DMA)
00000000h
Page 318
5140001Fh
R/W
Keyboard Emulation Logic Control Register
(KELX_CTL)
00000010h
Page 348
(KEL spec)
51400020h
R/W
IRQ Mapper Unrestricted Y and Z Select Low
(PIC_[Y/Z]SEL_LOW)
00000000h
Page 333
(PIC spec)
51400021h
R/W
IRQ Mapper Unrestricted Y Select High
(PIC_YSEL_HIGH)
00000000h
Page 334
(PIC spec)
51400022h
R/W
IRQ Mapper Unrestricted Z Select Low
(PIC_ZSEL_LOW)
00000000h
Page 333
(PIC spec)
51400023h
R/W
IRQ Mapper Unrestricted Z Select High
(PIC_ZSEL_HIGH)
00000000h
Page 334
(PIC spec)
51400024h
R/W
IRQ Mapper Primary Mask (PIC_IRQM_PRIM)
0000FFFFh
Page 334
(PIC spec)
51400025h
R/W
IRQ Mapper LPC Mask (PIC_IRQM_LPC)
00000000h
Page 335
(PIC spec)
51400026h
RO
IRQ Mapper Extended Interrupt Request Status
Low (PIC_XIRR_STS_LOW)
xxxxxxxxh
Page 335
(PIC spec)
51400027h
RO
IRQ Mapper Extended Interrupt Request Status
High (PIC_XIRR_STS_HIGH)
xxxxxxxxh
Page 337
(PIC spec)
51400028h
R/W
MFGPT IRQ Mask (MFGPT_IRQ)
00000000h
Page 467
(MFGPT spec)
51400029h
R/W
MFGPT NMI and Reset Mask (MFGPT_NR)
00000000h
Page 469
(MFGPT spec)
5140002Ah
R/W
MFGPT Reserved (MFGPT_RSVD)
00000000h
Page 471
(MFGPT spec)
5140002Bh
WO
MFGPT Clear Setup Test (MFGPT_SETUP)
00000000h
Page 471
(MFGPT spec)
5140002Ch-
5140002Fh
R/W
Reserved. Reads return 1. Writes have no effect.
FFFFFFFFh
---
51400030h
RO
Floppy Port 3F2h Shadow (FLPY_3F2_SHDW)
xxh
Page 321
(Floppy spec)
51400031h
RO
Floppy Port 3F7h Shadow (FLPY_3F7_SHDW)
xxh
Page 321
(Floppy spec)
51400032h
RO
Floppy Port 372h Shadow (FLPY_3F2_SHDW)
xxh
Page 322
(Floppy spec)
51400033h
RO
Floppy Port 377h Shadow (FLPY_377_SHDW)
xxh
Page 322
(Floppy spec)
51400034h
RO
PIC Shadow (PIC_SHDW)
xxh
Page 337
(PIC spec)
51400035h
R/W
Reserved. Reads return 1. Writes have no effect.
FFFFFFFFh
---
Table 5-18. DIVIL Specific MSRs Summary (Continued)
MSR
Address
Type
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com